Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3638 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC3638
Description  Advanced PWM Motor Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC3638 Fiches technique(HTML) 5 Page - Texas Instruments

  UC3638 Datasheet HTML 1Page - Texas Instruments UC3638 Datasheet HTML 2Page - Texas Instruments UC3638 Datasheet HTML 3Page - Texas Instruments UC3638 Datasheet HTML 4Page - Texas Instruments UC3638 Datasheet HTML 5Page - Texas Instruments UC3638 Datasheet HTML 6Page - Texas Instruments UC3638 Datasheet HTML 7Page - Texas Instruments UC3638 Datasheet HTML 8Page - Texas Instruments UC3638 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
UC1638
UC2638
UC3638
PIN DESCRIPTIONS (cont.)
series with the source or emitter of the low side switch in
the full bridge develops the signal that is applied to this
pin. At differential inputs of
±500mV typical (referenced
to CS+)the controller reaches the current limit level,
which truncates the output pulse.
CS+: This is the non-inverting input to the X5 current
sense amplifier. The common mode input range for this
pin extends from VEE
−1V to VCC−4V. The characteris-
tics for this pin are identical to CS-.
CSOUT: This is the output of the X5 current sense am-
plifier. Voltage levels greater than
±2.5V referenced to
AREF will cause the device to enter current limit. An in-
ternal 100 ohm resistor between the amplifier output
and CSOUT is provided to create a high frequency
noise filter with an external capacitor to VEE. When
used for average current feedback, CSOUT is summed
into INV.
CT: A capacitor from CT to VEE will set the triangle os-
cillator frequency according to the following equation:
F
1
5RTCT
=
••
The waveform on CT is symmetrical about the voltage
on AREF and is applied internally to the inputs of hte
PWM comparators. Use a high quality ceramic capacitor
with low ESL and ESR for best results. A minimum CT
value of 200 pF insures good accuracy and less suscep-
tibility to circuit layout parasitics. The oscilator and PWM
are designed to provide practical operation to 500kHz.
DB: This high impedance input programs output pulse
train deadtime. A stable DC voltage between 0V and
REF will set a bi-directional deadband centered about
the level on COMP. The deadband level is equal to: 5V
VDB. That is, 1V on DB will program
±4V of deadband
centered about the COMP pin level. A convenient
method for generating the programming level is a volt-
age divider tap off of REF.
INV: This is the inverting input to the Voltage amplifier.
The common mode input range for this pin extends from
VEE+2V to VCC
−1V. It can be tied to a command signal
generated by a rate feedback element or to a position
control signal. In average current feedback applications,
this input is tied to the output of the X5 current sensing
amplifier (CSOUT).
PVE: This is the high current ground for the IC. The ex-
ternal MOSFET driver transistors are referenced to this
ground. Internal level shifting circuitry gives the option of
tying this pin to VEE, or the system ground in split sup-
ply applications.
PVSET: A DC voltage on PVSET programs the upper
and lower thresholds for the oscillator by the following
relationship:
VPK
− VVLY =5•VPVSET.
The input voltage range on PVSET is 0.5V to REF.
REF: REF is the output of the precision reference. The
output is capable of supplying 15mA to peripheral cir-
cuitry and is internally short circuit current limited. By-
pass REF to VEE with a 0.1
µF ceramic capacitor for
best performance.
RT: A single resistor from RT to VEE sets the charging
and discharging currents for the triangle oscillator. The
actual charge and discharge is 2X the current pro-
grammed by RT and PVSET. For best performance the
current out of RT should be limited to 1mA. The voltage
level on the RT pin is a buffered version of the PVSET
pin voltage. Therefore, if the PVSET voltage divider is
tied between VCC and VEE to incorporate line feedfor-
ward, the triangle waveform frequency will remain con-
stant.
SD: A voltage on SD within 2.5V (typical) of VCC will
cause the UC3638 to enter a UVLO condition which dis-
ables all of the driver outputs. With an external voltage
divider across VCC and VEE, and a capacitor between
SD and VCC, a delayed turn-on characteristic can be
generated. Since the 2.5V threshold is temperature sta-
bilized it can also be used as a higher UVLO threshold
for applications which require a starting voltage higher
than the internal 9V UVLO threshold.
VEE: All voltages are measured with respect to this pin.
All bypass capacitors and timing components except
those listed under the PVE section should be connected
to this pin. Component leads should be as short and di-
rect as possible. VEE is generally connected to the most
negative voltage supply in the system. In single supply
applications, VEE is tied to the system ground.
VCC: Positive supply rail for the IC. Bypass this pin to
VEE and PVE with 0.1 to 1
µF low ESL, ESR ceramic
capacitor(s). The maximum voltage for VCC is 40V ref-
erenced to VEE. The turn on voltage level on VCC is 9V
with 1V of hysteresis.


Numéro de pièce similaire - UC3638

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3638 TI1-UC3638 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC3638DW TI1-UC3638DW Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC3638DWG4 TI1-UC3638DWG4 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC3638DWTR TI1-UC3638DWTR Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC3638DWTRG4 TI1-UC3638DWTRG4 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results

Description similaire - UC3638

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
   Advanced modular synchronous PWM controller
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com