Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1544 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC1544
Description  Power Supply Supervisory Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC1544 Fiches technique(HTML) 2 Page - Texas Instruments

  UC1544 Datasheet HTML 1Page - Texas Instruments UC1544 Datasheet HTML 2Page - Texas Instruments UC1544 Datasheet HTML 3Page - Texas Instruments UC1544 Datasheet HTML 4Page - Texas Instruments UC1544 Datasheet HTML 5Page - Texas Instruments UC1544 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Sense Inputs, Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VIN
SCR Trigger Current (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -600mA
Indicator Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Indicator Output Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Power Dissipation (Package Limitation). . . . . . . . . . . . . . . . . . . . . . . 1000mW
Operating Temperature Range
UC1543, UC1544 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
UC2543, UC2544 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25°C to +85°C
UC3543, UC3544 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Note 1: At higher input voltages, a dissipation limiting resistor, RG, is required.
Note 2: Currents are positive-into, negative-out of the specified terminal. Con-
sult Packaging section of Databook for thermal limitations and considerations
of package.
UC1543
UC1544
UC2543
UC2544
UC3543
UC3544
CONNECTION DIAGRAMS
DIL-16, SOIC-16 (TOP VIEW)
J or N, DW Package
UC 1543
UC 2543
UC 3543
DIL-18, SOIC-18 (TOP VIEW)
J or N, DW Package
UC 1544
UC 2544
UC 3544
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
SCR Trigger
2
Remote Activate
3
Reset
4
O.V. Indicate
5
N/C
6
O.V. Delay
7
O.V. Input
8
N/C
9
N/C
10
U.V. Input
11
U.V. Delay
12
U.V. Indicate
13
C.L. INV. Input
14
C.L. N.I. Input
15
Offset/Comp
16
C.L. Output
17
Ground
18
VREF
19
VIN
20
PLCC-20, LCC-20
(TOP VIEW)
Q or L Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
SCR Trigger
2
Remote Activate
3
Reset
4
O.V. Indicate
5
N/C
6
O.V. Delay
7
O.V. N.I. Input
8
O.V. INV. Input
9
U.V. N.I. Input
10
U.V. INV. Input
11
U.V. Delay
12
U.V. Indicate
13
C.L. INV. Input
14
C.L. N.I. Input
15
Offset/Comp
16
C.L. Output
17
Ground
18
VREF
19
VIN
20
PLCC-20, LCC-20
(TOP VIEW)
Q or L Package
2


Numéro de pièce similaire - UC1544

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1544 TI-UC1544 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544 TI1-UC1544 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544J TI1-UC1544J Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544J TI-UC1544J Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544J TI1-UC1544J Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
More results

Description similaire - UC1544

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1544N TI-UC1544N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_13 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com