Moteur de recherche de fiches techniques de composants électroniques |
|
UA748MU Fiches technique(PDF) 1 Page - Texas Instruments |
|
UA748MU Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 8 page uA748C, uA748M GENERAL-PURPOSE OPERATIONAL AMPLIFIERS SLOS095 – D921, DECEMBER 1970 – REVISED OCTOBER 1990 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Copyright © 1990, Texas Instruments Incorporated 1 • Frequency and Transient Response Characteristics Adjustable • Short-Circuit Protection • Offset-Voltage Null Capability • Wide Common-Mode and Differential Voltage Ranges • Low Power Consumption • No Latch-Up • Same Pin Assignments as uA709 description The uA748 is a general-purpose operational amplifier that offers the same advantages and attractive features as the uA741 except for internal compensation. External compensation can be as simple as a 30-pF capacitor for unity-gain conditions and, when the closed-loop gain is greater than one, can be changed to obtain wider bandwidth or higher slew rate. This circuit features high gain, large differential and common-mode input voltage range, and output short-circuit protection. Input offset-voltage adjustment can be provided by connecting a variable resistor between the offset null pins as shown in Figure 12. The uA748C is characterized for operation from 0 °C to 70°C; the uA748M is characterized for operation over the full military temperature range of – 55 °C to 125°C. AVAILABLE OPTIONS PACKAGE TA VIO max 8-PIN 10-PIN TA AT 25 °C SMALL OUTLINE (D) CERAMIC DIP (JG) PLASTIC DIP (P) FLAT PACK (U) 0 °C to 70 °C 6 mV uA748CD — uA748CP — –55 °C to 125 °C 5 mV — uA748MJG — uA747MU The D package is available taped and reeled. Add the suffix R to the device type,(e.g., uA748CDR). IN + IN – – + COMP N1/COMP N2 OUT symbol NC – No internal connection 1 2 3 4 8 7 6 5 N1/COMP IN – IN + VCC – COMP VCC + OUT N2 uA748C ...D OR P PACKAGE uA748M . . . JG PACKAGE (TOP VIEW) 1 2 3 4 5 10 9 8 7 6 NC N1/COMP IN – IN + VCC – NC COMP VCC + OUT N2 uA748M ...U FLAT PACKAGE (TOP VIEW) PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - UA748MU |
|
Description similaire - UA748MU |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |