Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA9637ACP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce UA9637ACP
Description  DUAL DIFFERENTIAL LINE RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UA9637ACP Fiches technique(HTML) 3 Page - Texas Instruments

  UA9637ACP Datasheet HTML 1Page - Texas Instruments UA9637ACP Datasheet HTML 2Page - Texas Instruments UA9637ACP Datasheet HTML 3Page - Texas Instruments UA9637ACP Datasheet HTML 4Page - Texas Instruments UA9637ACP Datasheet HTML 5Page - Texas Instruments UA9637ACP Datasheet HTML 6Page - Texas Instruments UA9637ACP Datasheet HTML 7Page - Texas Instruments UA9637ACP Datasheet HTML 8Page - Texas Instruments UA9637ACP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
uA9637AC
DUAL DIFFERENTIAL LINE RECEIVER
SLLS111B – SEPTEMBER 1980 – REVISED MAY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Common-mode input voltage, VIC
±7
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended ranges of supply voltage, common-mode input
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT
Positive going input threshold voltage
See Note 3
0.2
V
VIT +
Positive-going input threshold voltage
See Note 3
0.4
V
V
Negative going input threshold voltage
See Note 3
– 0.2
V
VIT –
Negative-going input threshold voltage
See Note 3
–0.4‡
V
Vhys
Hysteresis voltage (VIT+ –VIT– )
70
mV
VOH
High-level output voltage
VID = 0.2 V,
IO = – 1 mA
2.5
3.5
V
VOL
Low-level output voltage
VID = – 0.2 V,
IO = 20 mA
0.35
0.5
V
II
Input current
VCC = 0 to 5.5 V,
VI = 10 V
1.1
3.25
mA
II
Input current
CC
,
See Note 4
VI = – 10 V
– 1.6
– 3.25
mA
IOS
Short-circuit output current§
VO = 0,
VID = 0.2 V
–40
–75
– 100
mA
ICC
Supply current
VID = – 0.5 V,
No load
35
50
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold levels
only.
§ Only one output should be shorted at a time, and duration of the short circuit should not exceed one second.
NOTES:
3. The expanded threshold parameter is tested with a 500-
Ω resistor in series with each input.
4. The input not under test is grounded.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
CL =30 pF
See Figure 1
15
25
ns
tPHL
Propagation delay time, high- to low-level output
CL = 30 pF, See Figure 1
13
25
ns


Numéro de pièce similaire - UA9637ACP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA9637ACP TI1-UA9637ACP Datasheet
448Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9637ACPE4 TI1-UA9637ACPE4 Datasheet
448Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results

Description similaire - UA9637ACP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
[Old version datasheet]   Dual Differential Line Receiver
SN75146 TI-SN75146 Datasheet
108Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI-SN75157 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
   Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
   Dual Differential Line Receiver
DS9639 NSC-DS9639 Datasheet
122Kb / 6P
   Dual Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com