Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51163 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51163
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51163 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS51163 Datasheet HTML 2Page - Texas Instruments TPS51163 Datasheet HTML 3Page - Texas Instruments TPS51163 Datasheet HTML 4Page - Texas Instruments TPS51163 Datasheet HTML 5Page - Texas Instruments TPS51163 Datasheet HTML 6Page - Texas Instruments TPS51163 Datasheet HTML 7Page - Texas Instruments TPS51163 Datasheet HTML 8Page - Texas Instruments TPS51163 Datasheet HTML 9Page - Texas Instruments TPS51163 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TERMINAL INFORMATION
TPS51113DRC
TPS51163DRC
1
4
3
2
5
10
7
8
9
6
BOOT
LDRV_OC
HDRV
SW
GND
PGOOD
COMP_EN
FB
VOS
VDD
TPS51113, TPS51163
SLUS864 – MAY 2009........................................................................................................................................................................................................ www.ti.com
TERMINAL FUNCTIONS
TERMINAL
PIN
NAME
NO.
I/O
DESCRIPTION
Gate drive voltage for the high-side N-channel MOSFET. Typically, a 100 nF capacitor must be connected between this pin
BOOT
1
I
and SW. Also, a diode from VDD to BOOT should be externally provided.
Output of the error amplifier and the shutdown pin. Pulling the voltage on this pin lower than 800 mV shuts the controller
COMP_EN
7
I/O
down.
Inverting input to the error amplifier. In normal operation, the voltage on this pin is equal to the internal reference voltage of
FB
8
I
800 mV.
GND
5
Common reference for the device.
HDRV
3
O
Gate drive output for the high-side N-channel MOSFET.
Gate drive output for the low-side or rectifier MOSFET. The set point is read during start up calibration with the 10
µA
LDRV_OC
4
O
current source present.
PGOOD
10
O
Open drain power good output. An external pull-up resistor is required.
SW
2
O
Sense line for the adaptive anti-cross conduction circuitry. Serves as common connection for the flying high-side FET driver.
VDD
6
I
Power input to the controller, 4.5 V to 13.2 V.
Input to set undervoltage and overvoltage protections. Undervoltage protection occurs when VOS voltage is lower than 600
mV. The controller shuts down with both MOSFETs latched off. Overvoltage protection occurs when VOS voltage is higher
VOS
9
I
than 1V, the upper MOSFET is turned off and the lower MOSFET is forced on until VOS voltage reaches 400 mV. Then the
lower MOSFET is also turned off. After the undervoltage or overvoltage events, normal operation can be restored only by
cycling the VDD voltage.
SON PACKAGE
(TOP VIEW)
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51113 TPS51163


Numéro de pièce similaire - TPS51163

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS5110 TI1-TPS5110 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS51100 TI-TPS51100 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results

Description similaire - TPS51163

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Renesas Technology Corp
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Texas Instruments
UCD7232 TI1-UCD7232 Datasheet
597Kb / 30P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com