Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2458RHB Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS2458RHB
Description  12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2458RHB Fiches technique(HTML) 2 Page - Texas Instruments

  TPS2458RHB Datasheet HTML 1Page - Texas Instruments TPS2458RHB Datasheet HTML 2Page - Texas Instruments TPS2458RHB Datasheet HTML 3Page - Texas Instruments TPS2458RHB Datasheet HTML 4Page - Texas Instruments TPS2458RHB Datasheet HTML 5Page - Texas Instruments TPS2458RHB Datasheet HTML 6Page - Texas Instruments TPS2458RHB Datasheet HTML 7Page - Texas Instruments TPS2458RHB Datasheet HTML 8Page - Texas Instruments TPS2458RHB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS2458
SLUS916 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
ORDERING INFORMATION
DEVICE
TEMPERATURE
PACKAGE
ORDERING CODE
MARKING
TPS2458
-40°C to 85°C
QFN32
TPS2458RHB
TPS2458
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
PASS, BLK
–0.3 to 30
IN12, OUT12, SENP, SENM, SET, EN12, FLTx, PGx, OREN
–0.3 to 17
V
IN3, OUT3, EN3\, VDD, CTx, SUMx
–0.3 to 5
AGND, GND
–0.3 to 0.3
Human Body Model
2
ESD
kV
Charged Device Model
0.5
FLTx, PGx
5
SUMx
5
mA
VINT
–1 to 1
OUT3
250
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device under any conditions beyond those indicated under recommended operating conditions is
neither implied nor guaranteed. Exposure to absolute maximum rated conditions for extended periods of time may affect device
reliability.
PACKAGE
θJA – High-k (°C/W)
QFN32 - RHB
50
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VIN12
12 V input supply
8.5
12
15
VIN3
3.3 V input supply
3
3.3
4
V
VVDD3
3.3 V input supply
3
3.3
4
IOUT3
3.3 V output current
165
mA
ISUMx
Summing pin current
100
1000
µA
PASS pin board leakage current
-1
1
VINT bypass capacitance
1
10
250
nF
TJ
Operating junction temperature range
-40
125
°C
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2458


Numéro de pièce similaire - TPS2458RHB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2458RHB TI1-TPS2458RHB Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
TPS2458RHBR TI1-TPS2458RHBR Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
TPS2458RHBT TI1-TPS2458RHBT Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
More results

Description similaire - TPS2458RHB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2458 TI1-TPS2458_16 Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
TPS2459 TI-TPS2459 Datasheet
1,000Kb / 44P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C??and Load Current Monitor for AdvancedMC?
TPS2459 TI1-TPS2459_16 Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Allegro MicroSystems
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
784Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor
logo
Maxim Integrated Produc...
MAX15068 MAXIM-MAX15068 Datasheet
555Kb / 17P
   Dual ORing, Single Hot-Swap Controller
Rev 0; 12/13
logo
Allegro MicroSystems
ACS760ELF-20B ALLEGRO-ACS760ELF-20B_13 Datasheet
587Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
ACS761ELF-20B ALLEGRO-ACS761ELF-20B Datasheet
382Kb / 14P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com