Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV320AIC3007 Fiches technique(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV320AIC3007
Description  LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3007 Fiches technique(HTML) 52 Page - Texas Instruments

Back Button TLV320AIC3007 Datasheet HTML 48Page - Texas Instruments TLV320AIC3007 Datasheet HTML 49Page - Texas Instruments TLV320AIC3007 Datasheet HTML 50Page - Texas Instruments TLV320AIC3007 Datasheet HTML 51Page - Texas Instruments TLV320AIC3007 Datasheet HTML 52Page - Texas Instruments TLV320AIC3007 Datasheet HTML 53Page - Texas Instruments TLV320AIC3007 Datasheet HTML 54Page - Texas Instruments TLV320AIC3007 Datasheet HTML 55Page - Texas Instruments TLV320AIC3007 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
TLV320AIC3007
SLOS619 – APRIL 2009 ..................................................................................................................................................................................................... www.ti.com
Page 0 / Register 12:
Audio Codec Digital Filter Control Register
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7–D6
R/W
00
Left ADC Highpass Filter Control
00: Left ADC highpass filter disabled
01: Left ADC highpass filter –3 dB frequency = 0.0045 × ADC Fs
10: Left ADC highpass filter –3 dB frequency = 0.0125 × ADC Fs
11: Left ADC highpass filter –3 dB frequency = 0.025 × ADC Fs
D5–D4
R/W
00
Right ADC Highpass Filter Control
00: Right ADC highpass filter disabled
01: Right ADC highpass filter –3 dB frequency = 0.0045 × ADC Fs
10: Right ADC highpass filter –3 dB frequency = 0.0125 × ADC Fs
11: Right ADC highpass filter –3 dB frequency = 0.025 × ADC Fs
D3
R/W
0
Left DAC Digital Effects Filter Control
0: Left DAC digital effects filter disabled (bypassed)
1: Left DAC digital effects filter enabled
D2
R/W
0
Left DAC De-emphasis Filter Control
0: Left DAC de-emphasis filter disabled (bypassed)
1: Left DAC de-emphasis filter enabled
D1
R/W
0
Right DAC Digital Effects Filter Control
0: Right DAC digital effects filter disabled (bypassed)
1: Right DAC digital effects filter enabled
D0
R/W
0
Right DAC De-emphasis Filter Control
0: Right DAC de-emphasis filter disabled (bypassed)
1: Right DAC de-emphasis filter enabled
Page 0 / Register 13:
Headset / Button Press Detection Register A
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7
R/W
0
Headset Detection Control
0: Headset detection disabled
1: Headset detection enabled
D6-D5
R
00
Headset Type Detection Results
00: No headset detected
01: Stereo headset detected
10: Cellular headset detected
11: Stereo + cellular headset detected
D4-D2
R/W
000
Headset Glitch Suppression Debounce Control for Jack Detection
000: Debounce = 16msec( sampled with 2ms clock)
001: Debounce = 32msec( sampled with 4ms clock)
010: Debounce = 64msec( sampled with 8ms clock)
011: Debounce = 128msec( sampled with 16ms clock)
100: Debounce = 256msec( sampled with 32ms clock)
101: Debounce = 512msec( sampled with 64ms clock)
110: Reserved, do not write this bit sequence to these register bits.
111: Reserved, do not write this bit sequence to these register bits.
D1-D0
R/W
00
Headset Glitch Suppression Debounce Control for Button Press
00: Debounce = 0msec
01: Debounce = 8msec(sampled with 1ms clock)
10: Debounce = 16msec(sampled with 2ms clock)
11: Debounce = 32msec(sampled with 4ms clock)
52
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TLV320AIC3007


Numéro de pièce similaire - TLV320AIC3007

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBR TI1-TLV320AIC3100IRHBR Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBT TI1-TLV320AIC3100IRHBT Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
More results

Description similaire - TLV320AIC3007

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3107 TI-TLV320AIC3107_15 Datasheet
2Mb / 100P
[Old version datasheet]   TLV320AIC3107 Low-Power Stereo Codec With Integrated Mono Class-D Speaker Amplifier
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com