Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB41LV06APZP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSB41LV06APZP
Description  IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB41LV06APZP Fiches technique(HTML) 3 Page - Texas Instruments

  TSB41LV06APZP Datasheet HTML 1Page - Texas Instruments TSB41LV06APZP Datasheet HTML 2Page - Texas Instruments TSB41LV06APZP Datasheet HTML 3Page - Texas Instruments TSB41LV06APZP Datasheet HTML 4Page - Texas Instruments TSB41LV06APZP Datasheet HTML 5Page - Texas Instruments TSB41LV06APZP Datasheet HTML 6Page - Texas Instruments TSB41LV06APZP Datasheet HTML 7Page - Texas Instruments TSB41LV06APZP Datasheet HTML 8Page - Texas Instruments TSB41LV06APZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
TSB41LV06A
IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
SLLS363 – SEPTEMBER1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
When the power supply of the TSB41LV06A is off while the twisted-pair cables are connected, the TSB41LV06A
transmitter and receiver circuitry will present a high impedance to the cable and will not load the TPBIAS voltage
at the other end of the cable.
When the TSB41LV06A is used with one or more of the ports not brought out to a connector, the twisted-pair
terminals of the unused ports must be terminated for reliable operation. For each unused port, the TPB+ and
TPB– terminals should be tied together and then pulled to ground, or the TPB+ and TPB– terminals should be
connected to the suggested termination network. The TPA+ and TPA– and TPBIAS terminals of an unused port
may be left unconnected. The TPBIAS terminal may be connected to a 1
µF capacitor to ground or left floating.
The TESTM, SE, and SM terminals are used to set up various manufacturing test conditions. For normal
operation, the TESTM terminal should be connected to VDD, SE should be tied to ground through a 1-kΩ resistor,
while SM should be connected directly to ground.
Four package terminals are used as inputs to set the default value for four configuration status bits in the self-ID
packet, and are hardwired high or low as a function of the equipment design. The PC0–PC2 terminals are used
to indicate the default power-class status for the node (the need for power from the cable or the ability to supply
power to the cable). See Table 1 for power-class encoding. The C/LKON terminal is used as an input to indicate
that the node is a contender for either isochronous resource manager (IRM) or bus manager (BM).
The TSB41LV06A supports suspend/resume as defined in the IEEE P1394a specification. The suspend
mechanism allows pairs of directly-connected ports to be placed into a low power conservation state
(suspended state) while maintaining a port-to-port connection between bus segments. While in the suspended
state, a port is unable to transmit or receive data transaction packets. However, a port in the suspended state
is capable of detecting connection status changes and detecting incoming TPBias. When all six ports of the
TSB41LV06A are suspended, all circuits except the bandgap reference generator and bias detection circuits
are powered down resulting in significant power savings. For additional details of suspend/resume operation
refer to the P1394a specification. The use of suspend/resume is recommended for new designs.
The port transmitter and receiver circuitry is disabled during power-down (when the PD input terminal is
asserted high), during reset (when the RESET input terminal is asserted low), when no active cable is connected
to the port, or when controlled by the internal arbitration logic. The TPBias output is disabled during power down,
during reset, or when the port is disabled as commanded by the LLC.
The CNA (cable-not-active) output terminal is asserted high when there are no twisted-pair cable ports receiving
incoming bias (i.e., they are either disconnected or suspended), and can be used along with LPS to determine
when to power down the TSB41LV06A. The CNA output is not debounced. When the PD terminal is asserted
high, the CNA detection circuitry is enabled (regardless of the previous state of the ports) and a pull down is
activated on the RESET terminal so as to force a reset of the TSB41LV06A internal logic.
The LPS (link power status) terminal works with the C/LKON terminal to manage the power usage in the node.
The LPS signal from the LLC is used in conjunction with the LCtrl bit (see Table 1 and Table 2 in the
APPLICATION INFORMATION section) to indicate the active/power status of the LLC. The LPS signal is also
used to reset, disable, and initialize the PHY-LLC interface (the state of the PHY-LLC interface is controlled
solely by the LPS input regardless of the state of the LCtrl bit).
The LPS input is considered inactive if it remains low for more than 2.6
µs and is considered active otherwise.
When the TSB41LV06A detects that LPS is inactive, it will place the PHY-LLC interface into a low-power reset
state in which the CTL and D outputs are held in the logic zero state and the LREQ input is ignored; however,
the SYSCLK output remains active. If the LPS input remains low for more than 26
µs, the PHY-LLC interface
is put into a low-power disabled state in which the SYSCLK output is also held inactive. The PHY-LLC interface
is also held in the disabled state during hardware reset. The TSB41LV06A will continue the necessary repeater
functions required for normal network operation regardless of the state of the PHY-LLC interface. When the
interface is in the reset or disabled state and LPS is again observed active, the PHY will initialize the interface
and return it to normal operation.


Numéro de pièce similaire - TSB41LV06APZP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB41LV06APZP TI1-TSB41LV06APZP Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZPG4 TI1-TSB41LV06APZPG4 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
More results

Description similaire - TSB41LV06APZP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB41LV06 TI-TSB41LV06 Datasheet
500Kb / 39P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A_16 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48