Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB12LV21B Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSB12LV21B
Description  IEEE 1394 LINK LAYER CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV21B Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TSB12LV21B Datasheet HTML 7Page - Texas Instruments TSB12LV21B Datasheet HTML 8Page - Texas Instruments TSB12LV21B Datasheet HTML 9Page - Texas Instruments TSB12LV21B Datasheet HTML 10Page - Texas Instruments TSB12LV21B Datasheet HTML 11Page - Texas Instruments TSB12LV21B Datasheet HTML 12Page - Texas Instruments TSB12LV21B Datasheet HTML 13Page - Texas Instruments TSB12LV21B Datasheet HTML 14Page - Texas Instruments TSB12LV21B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TSB12LV21B
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
SLLS306– JULY 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating temperature ranges (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCCP
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC5V
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range for Universal PCI, VI: PCI
–0.5 V to VCCP + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range for 5-V tolerant TTL/LVCMOS, VI:
–0.5 V to VCC5V + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range for Universal PCI, VO
–0.5 V to VCCP + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range for 5-V tolerant TTL/LVCMOS, VO
–0.5 V to VCC5V + 0.5 V
. . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 2)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 3)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1.
Applies to external input and bidirectional buffers. For 5-V tolerant buffers, use VI > VCC5V. For Universal PCI, use VI > VCCP.
2.
Applies to external output and bidirectional buffers. For 5-V tolerant buffers, use VO > VCC5V. For Universal PCI, use VO > VCCP.
recommended operating conditions (see Note 3)
OPERATION
MIN
NOM
MAX
UNIT
Core voltage, VCC
Commercial
3.3
3
3.3
3.6
V
I/O voltage, VCCP
Commercial
5
3
5
5.5
V
I/O voltage, VCC5V
Commercial
5
3
5
5.5
V
High-level Input voltage, VIH†
2
V
Low-level Input voltage, VIL†
0.8
V
Input voltage V
Universal PCI
0
VCCP
V
Input voltage, VI
5-V tolerant
0
VCC5V
V
Output voltage, VO‡
0
VCC
V
Input transition times (tr and tf), tt
0
6
ns
Operating ambient temperature range, TA
0
25
70
°C
Virtual junction temperature, TJ§
0
25
115
°C
† Applies for external input and bidirectional buffers without hysteresis.
‡ Applies for external output buffers.
§ These junction temperatures reflect simulation conditions. Customer is responsible for verifying junction temperature.
NOTE 3:
Unused or floating pins (input or I/O) must be held high or low.


Numéro de pièce similaire - TSB12LV21B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB12LV21B TI1-TSB12LV21B Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21BI TI1-TSB12LV21BI Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21BIPGF TI1-TSB12LV21BIPGF Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21BM TI1-TSB12LV21BM Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results

Description similaire - TSB12LV21B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
TSB15LV01 TI1-TSB15LV01_14 Datasheet
91Kb / 6P
[Old version datasheet]   Video Signal Processor With IEEE-1394 Link Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com