Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB12LV21B Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSB12LV21B
Description  IEEE 1394 LINK LAYER CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV21B Fiches technique(HTML) 1 Page - Texas Instruments

  TSB12LV21B Datasheet HTML 1Page - Texas Instruments TSB12LV21B Datasheet HTML 2Page - Texas Instruments TSB12LV21B Datasheet HTML 3Page - Texas Instruments TSB12LV21B Datasheet HTML 4Page - Texas Instruments TSB12LV21B Datasheet HTML 5Page - Texas Instruments TSB12LV21B Datasheet HTML 6Page - Texas Instruments TSB12LV21B Datasheet HTML 7Page - Texas Instruments TSB12LV21B Datasheet HTML 8Page - Texas Instruments TSB12LV21B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TSB12LV21B
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
SLLS306– JULY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D IEEE Standard for a 1394-1995 Compliant
D IEEE Standard for a 1212-1991 Compliant
D Supports IEEE 1394-1995 Link Layer
Control
D PCI Local Bus Specification Rev. 2.1
Compliant
D Supports IEEE 1394 Transfer Rates of 100,
200, and 400 Mb per second
D 3.3-V Core Logic while Maintaining 5-V
Tolerant Inputs
D Performs the Function of 1394 Cycle
Master
D Provides 4K Bytes of Configurable FIFO
RAM
D Provides 5 Scatter-Gather DMA Channels
D Provides Software Control of Interrupt
Events
D Provides 4 General-Purpose Input/Outputs
D Supports Plug-and-Play (PnP) Specification
D Generates 32-bit CRC for Transmission of
1394 Packets
D Performs 32-bit CRC Checking on
Reception of 1394 Packets
D Provides PCI Bus Master Function for
Supporting DMA Operations
D Provides PCI Slave Function for Read/Write
Access of Internal Registers
D Supports Distributed DMA Transfers
Between 1394 and Local Bus RAM, ROM,
AUX, or Zoomed Video
D Advanced Submicron, Low-Power CMOS
Technology
D Packaged in a 176-Pin PQFP (PGF)
Description
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Terminal Assignment
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Name/Terminal Number Sort Tables
4
. . . . . . . . . . . . . . . . .
Terminal Functions
5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
System Block Diagram
9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Functional Block Diagram
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Absolute Maximum Ratings
11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions
11
. . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PCI Interface Switching Characteristics
13
. . . . . . . . . . . . . . . . . . . . . .
Parameter Measurement Information
15
. . . . . . . . . . . . . . . . . . . . . . . .
Power Supply Sequencing
20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Mechanical Data
21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Table of Contents
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Numéro de pièce similaire - TSB12LV21B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB12LV21B TI1-TSB12LV21B Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21BI TI1-TSB12LV21BI Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21BIPGF TI1-TSB12LV21BIPGF Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21BM TI1-TSB12LV21BM Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results

Description similaire - TSB12LV21B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
TSB15LV01 TI1-TSB15LV01_14 Datasheet
91Kb / 6P
[Old version datasheet]   Video Signal Processor With IEEE-1394 Link Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com