Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3828-33 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS3828-33
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3828-33 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS3828-33 Datasheet HTML 1Page - Texas Instruments TPS3828-33 Datasheet HTML 2Page - Texas Instruments TPS3828-33 Datasheet HTML 3Page - Texas Instruments TPS3828-33 Datasheet HTML 4Page - Texas Instruments TPS3828-33 Datasheet HTML 5Page - Texas Instruments TPS3828-33 Datasheet HTML 6Page - Texas Instruments TPS3828-33 Datasheet HTML 7Page - Texas Instruments TPS3828-33 Datasheet HTML 8Page - Texas Instruments TPS3828-33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TPS3820xx, TPS3823xx, TPS3824xx, TPS3825xx, TPS3828xx
PROCESSOR SUPERVISORY CIRCUITS
SLVS165E – APRIL 1998 – REVISED DECEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS382x-25
VDD = VIT– + 0.2 V
IOH = –20 µA
08
V
RESET
TPS382x-30
TPS382x-33
VDD = VIT– + 0.2 V
IOH = –30 µA
0.8
× VDD
V
TPS382x-50
VDD = VIT– + 0.2 V
IOH = –120 µA
VDD – 1.5 V
VOH
High-level output voltage
TPS3824-25
TPS3825-25
VDD ≥ 1.8 V, IOH = –100 µA
RESET
TPS3824-30
TPS3825-30
08
× V
V
RESET
TPS3824-33
TPS3825-33
VDD ≥ 1.8 V, IOH = –150 µA
0.8
× VDD
V
TPS3824-50
TPS3825-50
TPS3824-25
TPS3825-25
VDD = VIT– + 0.2 V
IOL = 1 mA
RESET
TPS3824-30
TPS3825-30
VDD = VIT– + 0.2 V
04
V
RESET
TPS3824-33
TPS3825-33
VDD = VIT– + 0.2 V
IOL = 1.2 mA
0.4
V
VOL
Low-level output voltage
TPS3824-50
TPS3825-50
VDD = VIT– + 0.2 V
IOL = 3 mA
TPS382x-25
VDD = VIT– – 0.2 V
IOL = 1 mA
RESET
TPS382x-30
VDD = VIT– –0.2 V
04
V
RESET
TPS382x-33
VDD = VIT– 0.2 V
IOL = 1.2 mA
0.4
V
TPS382x-50
VDD = VIT– – 0.2 V
IOL = 3 mA
Power-up reset voltage (see Note 2)
VDD ≥ 1.1 V, IOL = 20 µA
0.4
V
TPS382x-25
2.21
2.25
2.30
TPS382x-30
T0
°C 85°C
2.59
2.63
2.69
V
TPS382x-33
TA = 0°C – 85°C
2.88
2.93
3
V
V
Negative-going input threshold
TPS382x-50
4.49
4.55
4.64
VIT–
Negative going in ut threshold
voltage (see Note 3)
TPS382x-25
2.20
2.25
2.30
g
TPS382x-30
T
40
°C 85°C
2.57
2.63
2.69
V
TPS382x-33
TA = –40°C – 85°C
2.86
2.93
3
V
TPS382x-50
4.46
4.55
4.64
TPS382x-25
V
H steresis at V
inp t
TPS382x-30
30
mV
Vhys
Hysteresis at VDD input
TPS382x-33
30
mV
TPS382x-50
50
NOTES:
2. The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be placed near the supply terminals.


Numéro de pièce similaire - TPS3828-33

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3828-33-Q1 TI1-TPS3828-33-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3828-33-Q1 TI1-TPS3828-33-Q1 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3828-33-Q1 TI1-TPS3828-33-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3828-33DBVR TI-TPS3828-33DBVR Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3828-33DBVR TI-TPS3828-33DBVR Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results

Description similaire - TPS3828-33

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com