Moteur de recherche de fiches techniques de composants électroniques |
|
TSD-933 Fiches technique(PDF) 2 Page - Premier Magnetics, Inc. |
|
TSD-933 Fiches technique(HTML) 2 Page - Premier Magnetics, Inc. |
2 / 4 page 20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 • TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com Specifications subject to change without notice. 2 pmsm 6/97 SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS M P Premier Magnetics Inc. "INNOVATORS IN MAGNETICS TECHNOLOGY" GENERAL ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC PM-SM02 LT1071 12.0 5.0 1000 140 550 20 Feed Back Output THRU PM-SM03 LT1071 12.0 9.0 1000 110 550 35 Feed Back Output THRU PM-SM04 LT1071 24.0 5.0 2000 200 550 40 Feed Back Output THRU PM-SM05 LT1071 24.0 5.0 2000 200 550 40 Feed Back Output THRU PM-SM07 LT1070 12.0 5.0 2000 50 550 40 Feed Back Output THRU PM-SM09 LT1070 12.0 5.0 4000 135 250 50 Feed Back Output THRU TSD-546 LT1072 12.0 5.0 220 250 550 15 Feed Back Output THRU Output #2 ------ 9.0 160 ----- 550 ----- Isolated Output TSD-578 LT1072 24.0 5.0 100 1000 500 15 Isolated Output #1 THRU Output #2 ------ 5.0 200 ----- 500 ----- Isolated Output #2 Output #3 = Tap off #2 ------ 6.0 32 ----- ----- ----- Tap Output off #2 TSD-648 LT1171 5.0 5.0 60 48 750 15 Isolated Output, Opto F.B. SMD Outputs #2 & #3: +15.0 ------ +15.0 +100 ----- 750 ----- Isolated + Linear Reg. TSD-649 LT1076HV 18-50 15.0 700 80 N/A 15 Positive Buck SMD TSD-652 MAX783 5.5-30 3.3 3100 10 500 10 Positive Buck SMD Output #2 = Auxiliary ------ 15.0 220 ----- 500 ----- Auxiliary Output TSD-723 LT1070 12.0 15.0 2000 210 550 30 Isolated Output THRU TSD-725 LT1172 12.0 5.0 500 100 550 15 Feed Back Output SMD 13V TAP Output ------ 13.0 150 ----- ----- ----- Tap Output 15V TAP Output ------ 15.0 60 ----- ----- ----- Tap Output TSD-726 LT1172 12.0 5.0 100 100 100 15 Feed Back Output SMD Output #2, 13V TAP ------ 13.0 40 ----- ----- ----- Tap Output Output #3, 15V TAP ------ 15.0 200 ----- ----- ----- Tap Output TSD-727 LT1172 9-33 5.0 200 1000 1000 10 Isolated Output THRU TSD-730 LT1172 18-30 5.0 250 1000 500 10 Isolated Output SMD Output #2 & #3: +15V ------ +15.0 +25 ----- 500 ----- Isolated Output (TSD-933 = THRU VERSION) DISCRETE SELF OSCILLATING PUSH-PULL CONVERTERS, DUAL SECONDARIES TSD-643 40KHz Full Wave C.T. 12.0 24 420 2300 3750 25 Isolated Output THRU Full Brige ------ 48 210 3750 Isolated Output Dual Full Brige ------ + 24 + 210 3750 Isolated Output TSD-644 40KHz Full Wave C.T. 12.0 100 50 2300 3750 25 Isolated Output THRU Full Brige ------ 200 25 3750 Isolated Output Dual Full Brige ------ +100 + 25 3750 Isolated Output TSD-645 40KHz Full Wave C.T. 52.0 100 100 6800 3750 25 Isolated Output THRU Full Brige ------ 200 50 3750 Isolated Output Dual Full Brige ------ +100 + 50 3750 Isolated Output TSD-742 1.0KHz DC to AC 1.5-3.5 85rms 8 rms 31mH 500 10 Isolated rms Output SMD To receive complete specifications & application information, request the respective part number data sheet. PART NUMBER APPLICATION Vin Vout Io_max (Vdc) (Vdc) (mA) Designed For Use With Temp Rise oC Typ. PRIMARY OCL µµµµµHY Typ. General Notes PCB Mount Method HI-POT Vdc Min. |
Numéro de pièce similaire - TSD-933 |
|
Description similaire - TSD-933 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |