Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSD-1227 Fiches technique(PDF) 3 Page - Premier Magnetics, Inc.

No de pièce TSD-1227
Description  WIDEBAND RF PULSE COUPLING TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PMI [Premier Magnetics, Inc.]
Site Internet  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

TSD-1227 Fiches technique(HTML) 3 Page - Premier Magnetics, Inc.

  TSD-1227 Datasheet HTML 1Page - Premier Magnetics, Inc. TSD-1227 Datasheet HTML 2Page - Premier Magnetics, Inc. TSD-1227 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
pm-wt 08/99
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
12
3
456
7
8
16
15
14
13
12
11
10
9
.390
(9.91)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.950
(24.13)
MAX
PIN#1
DOT
FLAT
.050 (1.27)
.030 (0.76)
.580
(14.73)
.010
(0.25)
TYP
3KV REINFORCED
INSULATION
COUPLING TRANSFORMER
!
Optimized for use with CYPRESS Semiconductor HOTLinkTM Chip Set.
"
For use in 150
Ω STP or 75 Ω Coax, Copper Media Applications of Fast Ethernet, FDDI & ATM
$
IEC950, UL1950, CSA-950, 3000Vrms Reinforced Insulation System. >6.2mm Creepage/Clearance
HOTLinkTM is a Trade Mark of CYPRESS SEMICONDUCTOR Inc.
CY7B923 HOTLinkTM Transmitter & CY7B933 HOTLinkTM Receiver.
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +85OC
PART
NUMBER
PRI-SEC
Cw/w
(pf Max.)
PRI / SEC
L
L
(
µµµµµH Max.)
PRI/SEC
DCR
(
Ω Max.)
-3dB Bandwidth
MHz
Low Max.
High Min.
CABLE
MEDIA
TYPE
TSD-1227*
50/75
266+
7.0
1:1
1.5
0.13
0.15
0.50
2.0
380
Baud
Rate
(MHz)
PRIMARY*
Inductance
(
µµµµµH Typ.)
TURNS
RATIO
(± 5%)
Rise
Time
(ns Max.)
*APPLICATION NOTE:
Reinforced Insulation System per IEC950, UL1950, CSA-950.
The TSD-1227, 3KV reinforced insulation version of the PM-WT75 was optimized for use with 8B/10B code
and NRZ modulation as used in HOTLinkTM for communication. One of the main advantages of 8B/10B code
is the elimination of baseline wander concerns (DC bias). Methods of encoding that are not DC balanced,
such as FDDI 4B/5B require a compromise in the magnetics design as more turns (higher inductances) are
necessary to combat the DC imbalance. Thus the major design consideration for 8B/10B code was to provide
sufficient high end bandwidth to allow passage of at least the 3rd hamonic. In a system operating at a 266
MHz baud rate this 3rd harmonic is at 399MHz. The TSD-1227 should be used for both 75
Ω & 150Ω
applications using 8B/10B coding @ > 266MHz Baud Rates.
MECHANICAL
M
P TSD-1227
YYWW
PHYSICAL DIMENSIONS .... IN INCHES (mm)
SCHEMATIC
RECOMMENDED PCB LAYOUT
DIMENSION IN INCHES, (mm)
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
SECONDARY
PRIMARY
SECONDARY
16x.050 (1.27)
7x.100 (2.54)
16x.120 (3.05)
.520 (13.21)
1
16
9
8
.760 (19.30)
.700 (17.78)


Numéro de pièce similaire - TSD-1227

FabricantNo de pièceFiches techniqueDescription
logo
Premier Magnetics, Inc.
TSD-1201 PMI-TSD-1201 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
logo
List of Unclassifed Man...
TSD-1251 ETC1-TSD-1251 Datasheet
48Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
logo
Premier Magnetics, Inc.
TSD-1251 PMI-TSD-1251 Datasheet
25Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
More results

Description similaire - TSD-1227

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
PT10910 DATATRONICS-PT10910 Datasheet
48Kb / 1P
   WIDEBAND RF/PULSE TRANSFORMERS
logo
List of Unclassifed Man...
LF-412 ETC-LF-412 Datasheet
113Kb / 1P
   Wideband RF/Pulse Transformers
LF-422 ETC-LF-422 Datasheet
121Kb / 1P
   Wideband RF/Pulse Transformers
logo
SIRENZA MICRODEVICES
TO-212 SIRENZA-TO-212 Datasheet
111Kb / 1P
   Wideband RF/Pulse Transformers.5-650 MHz
TO-222 SIRENZA-TO-222 Datasheet
349Kb / 1P
   Wideband RF/Pulse Transformers.5-450 MHz
TO-230 SIRENZA-TO-230 Datasheet
345Kb / 1P
   Wideband RF/Pulse Transformers .5-100 MHz
LF-412 SIRENZA-LF-412 Datasheet
115Kb / 1P
   Wideband RF/Pulse Transformers .01-25 MHz
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com