Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3705-50Y Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS3705-50Y
Description  PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3705-50Y Fiches technique(HTML) 1 Page - Texas Instruments

  TPS3705-50Y Datasheet HTML 1Page - Texas Instruments TPS3705-50Y Datasheet HTML 2Page - Texas Instruments TPS3705-50Y Datasheet HTML 3Page - Texas Instruments TPS3705-50Y Datasheet HTML 4Page - Texas Instruments TPS3705-50Y Datasheet HTML 5Page - Texas Instruments TPS3705-50Y Datasheet HTML 6Page - Texas Instruments TPS3705-50Y Datasheet HTML 7Page - Texas Instruments TPS3705-50Y Datasheet HTML 8Page - Texas Instruments TPS3705-50Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TPS3705-30, TPS3705-33, TPS3705-50
TPS3707-25, TPS3707-30, TPS3707-33, TPS3707-50
PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
SLVS184B – NOVEMBER 1998 – REVISED JANUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Power-On Reset Generator with Fixed
Delay Time of 200 ms, no External
Capacitor Needed
D Precision Supply Voltage Monitor 2.5 V, 3 V,
3.3 V, and 5 V
D Pin-For-Pin Compatible with the MAX705
through MAX708 Series
D Integrated Watchdog Timer (TPS3705 only)
D Voltage Monitor for Power-Fail or
Low-Battery Warning
D Maximum Supply Current of 50 µA
D MSOP-8 and SO-8 Packages
D Temperature Range...–40°C to 85°C
typical applications
D Designs Using DSPs, Microcontrollers or
Microprocessors
D Industrial Equipment
D Programmable Controls
D Automotive Systems
D Portable/Battery Powered Equipment
D Intelligent Instruments
D Wireless Communication Systems
D Notebook/Desktop Computers
Figure 1. Typical MSP430 Application
MR
RESET
TPS3705–50
PFI
VDD
GND
100 nF
RESET/NMI
VDD
GND
5 V
12 V
910 k
120 k
MSP430P112
PFO
WDI
WDO
I/O
I/O
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
MR
VDD
GND
PFI
WDO
RESET
WDI
PFO
TPS3705 ...D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
RESET
RESET
NC
PFO
TPS3707 ...D PACKAGE
(TOP VIEW)
NC – No internal connection
MR
VDD
GND
PFI
1
2
3
4
8
7
6
5
RESET
WDO
MR
VDD
WDI
PFO
PFI
GND
TPS3705 . . . DGN PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
PFO
PFI
GND
TPS3707 . . . DGN PACKAGE
(TOP VIEW)
NC – No internal connection
RESET
RESET
MR
VDD


Numéro de pièce similaire - TPS3705-50Y

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3705-50 TI1-TPS3705-50 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705-50D TI-TPS3705-50D Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-50D TI1-TPS3705-50D Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-50D TI1-TPS3705-50D Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705-50DG4 TI-TPS3705-50DG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Description similaire - TPS3705-50Y

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com