Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3125L30DBV Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS3125L30DBV
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3125L30DBV Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS3125L30DBV Datasheet HTML 4Page - Texas Instruments TPS3125L30DBV Datasheet HTML 5Page - Texas Instruments TPS3125L30DBV Datasheet HTML 6Page - Texas Instruments TPS3125L30DBV Datasheet HTML 7Page - Texas Instruments TPS3125L30DBV Datasheet HTML 8Page - Texas Instruments TPS3125L30DBV Datasheet HTML 9Page - Texas Instruments TPS3125L30DBV Datasheet HTML 10Page - Texas Instruments TPS3125L30DBV Datasheet HTML 11Page - Texas Instruments TPS3125L30DBV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TPS3123J12, TPS3123G15, TPS3123J18, TPS3124J12, TPS3124G15
TPS3124J18, TPS3125J12, TPS3125G15, TPS3125J18, TPS3125L30
ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
SLVS227 – AUGUST 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements at RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At VDD
VIH = VIT– + 0.2 V,
VIL = VIT– – 0,2 V
6
tw
Pulse width
At MR
VDD ≥ VIT +0 2 V
VIL = 0 3xVDD
VIH =0 7×VDD
1
µs
At WDI
VDD ≥ VIT– + 0.2 V,
VIL = 0.3xVDD,
VIH = 0.7×VDD
0.1
switching characteristics at RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ttout
Watchdog time out
VDD ≥ VIT– + 0.2 V,
See timing diagram
0.8
1.4
2.1
s
td
Delay time
VDD > VIT–+ 0.2 V,
See timing diagram
100
180
260
ms
tPHL
Propagation delay time, high-to-low-level output
MR to RESET delay
(TPS3123/25 only)
VDD ≥ VIT– + 0.2 V,
VIL 02 × VDD
0.1
µs
tPLH
Propagation delay time, low-to-high-level output
MR to RESET delay
(TPS3125 only)
VIL = 0.2 × VDD,
VIH = 0.8 × VDD
0.1
µs
tPHL
Propagation delay time, high-to-low-level output
VDD to RESET delay
VIL =VIT
02 V
10
tPLH
Propagation delay time, low-to-high-level output
VDD to RESET delay
(TPS3124/25 only)
VIL = VIT– – 0.2 V,
VIH = VIT– + 0.2 V
10
µs


Numéro de pièce similaire - TPS3125L30DBV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3125L30DBVR TI-TPS3125L30DBVR Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125L30DBVR TI-TPS3125L30DBVR Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125L30DBVR TI1-TPS3125L30DBVR Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125L30DBVRG4 TI-TPS3125L30DBVRG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125L30DBVRG4 TI1-TPS3125L30DBVRG4 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Description similaire - TPS3125L30DBV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3125L30DBVTG4 TI-TPS3125L30DBVTG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX_08 Datasheet
409Kb / 19P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com