Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2819 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2819
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2819 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2819 Datasheet HTML 1Page - Texas Instruments TPS2819 Datasheet HTML 2Page - Texas Instruments TPS2819 Datasheet HTML 3Page - Texas Instruments TPS2819 Datasheet HTML 4Page - Texas Instruments TPS2819 Datasheet HTML 5Page - Texas Instruments TPS2819 Datasheet HTML 6Page - Texas Instruments TPS2819 Datasheet HTML 7Page - Texas Instruments TPS2819 Datasheet HTML 8Page - Texas Instruments TPS2819 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
SLVS160A – FEBRUARY 1997 – REVISED NOVEMBER 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 80°C
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
These dissipation ratings are based upon EIA specification JESD51-3, ”Low Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages,” in tests conducted in a zero-airflow, wind
tunnel environment.
absolute maximum ratings over operating temperature range (unless otherwise noted)
Regulator supply voltage range, VDD
–0.3 V to 42 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VCC
–0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, IN
–0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous regulator output current, VCC
25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, OUT
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to device GND terminal.
recommended operating conditions
MIN
MAX
UNIT
Regulator input voltage range, VDD, TPS2816 through TPS2819
8
40
V
Supply voltage, VCC
4
14
V
Input voltage, IN
– 0.3
VCC
V
Continuous regulator output current, ICC
0
20
mA
Operating ambient temperature range, TA
–40
125
_C


Numéro de pièce similaire - TPS2819

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2819-EP TI-TPS2819-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2819-EP TI-TPS2819-EP Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2819-EP TI1-TPS2819-EP Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2819-EP TI1-TPS2819-EP Datasheet
830Kb / 24P
[Old version datasheet]   Single-Channel High-Speed MOSFET Drivers
TPS2819-Q1 TI-TPS2819-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
More results

Description similaire - TPS2819

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
   High Speed Single P-Channel MOSFET Driver
logo
Intersil Corporation
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com