Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2320PW Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS2320PW
Description  DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2320PW Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS2320PW Datasheet HTML 6Page - Texas Instruments TPS2320PW Datasheet HTML 7Page - Texas Instruments TPS2320PW Datasheet HTML 8Page - Texas Instruments TPS2320PW Datasheet HTML 9Page - Texas Instruments TPS2320PW Datasheet HTML 10Page - Texas Instruments TPS2320PW Datasheet HTML 11Page - Texas Instruments TPS2320PW Datasheet HTML 12Page - Texas Instruments TPS2320PW Datasheet HTML 13Page - Texas Instruments TPS2320PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPS2320, TPS2321
DUAL HOT SWAP POWER CONTROLLER
WITH INDEPENDENT CIRCUIT BREAKER
SLVS276A – MARCH 200 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
t – Time – 1 ms/div
VO(GATE1)
10 V/div
VO(FAULT)
10 V/div
IO(IN1)
2 A/div
Figure 9. Channel 1 – Enabled Into Short
Circuit
No Capacitor
on Timer
t – Time – 1 ms/div
VO(GATE2)
5 V/div
VO(FAULT)
10 V/div
IO(IN2)
2 A/div
Figure 10. Channel 2 – Enabled Into Short Circuit
No Capacitor
on Timer
VI(ENABLE)
5 V/div
VI(ENABLE)
5 V/div
Figure 11. Channel 1 – Hot Plug
t – Time – 5 ms/div
VI(IN1)
10 V/div
VO(GATE1)
10 V/div
VO(OUT1)
10 V/div
IO(OUT1)
1 A/div
No Capacitor
on Timer
t – Time – 1 ms/div
VI(IN1)
10 V/div
VO(GATE1)
10 V/div
VO(OUT1)
10 V/div
IO(OUT1)
1 A/div
Figure 12. Channel 1 – Hot Removal
No Capacitor
on Timer


Numéro de pièce similaire - TPS2320PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2320 TI-TPS2320 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320ID TI-TPS2320ID Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320ID TI-TPS2320ID Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Description similaire - TPS2320PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com