Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP8860 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADP8860
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP8860 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADP8860 Datasheet HTML 4Page - Analog Devices ADP8860 Datasheet HTML 5Page - Analog Devices ADP8860 Datasheet HTML 6Page - Analog Devices ADP8860 Datasheet HTML 7Page - Analog Devices ADP8860 Datasheet HTML 8Page - Analog Devices ADP8860 Datasheet HTML 9Page - Analog Devices ADP8860 Datasheet HTML 10Page - Analog Devices ADP8860 Datasheet HTML 11Page - Analog Devices ADP8860 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ADP8860
Rev. 0 | Page 8 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6 V, SCL = 2.7 V, SDA = 2.7 V, nRST = 2.7 V, VD1:D7 = 0.4 V, CIN = 1 μF, C1 = 1 μF, C2 = 1 μF, COUT = 1 μF, TA= 25°C, unless
otherwise noted.
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+25°C
+85°C
+105°C
–40°C
IOUT = NO LOAD
Figure 5. Typical Operating Current, G = 1×
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+25°C
+85°C
+105°C
–40°C
IOUT = NO LOAD
Figure 6. Typical Operating Current, G = 2×, IQ(ACTIVE)
10
1
0.1
0.01
0.001
1
0
2
345
6
VIN (V)
+25°C
+85°C
+105°C
–40°C
SCL = SDA = 0V
nRST = 2.7V
Figure 7. Typical Standby IQ
35
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VHR (V)
VIN = 3.6V
ID1:D7 = 30mA
D1
D2
D3
D4
D5
D6
D7
Figure 8. Typical Diode Current vs. Current Sink Headroom Voltage (VHR)
35
34
33
32
31
30
29
28
27
26
25
2.0
5.5
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
VD1:D7 = 0.4V
D1
D2
D3
D4
D5
D6
D7
Figure 9. Typical Diode Matching vs. VIN
6
0
1
2
3
4
5
0.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
VHR (V)
+25°C
+85°C
+105°C
–40°C
VIN = 3.6V
ID1:D7 = 30mA
Figure 10. Typical Diode Matching vs. Current Sink Headroom Voltage (VHR)


Numéro de pièce similaire - ADP8860

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861ACPZ-RL AD-ADP8861ACPZ-RL Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861DBCB-EVALZ AD-ADP8861DBCB-EVALZ Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8863 AD-ADP8863 Datasheet
783Kb / 48P
   Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
ADP8863ACPZ-R7 AD-ADP8863ACPZ-R7 Datasheet
783Kb / 48P
   Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
More results

Description similaire - ADP8860

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
Texas Instruments
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
logo
Analog Devices
ADP8863 AD-ADP8863 Datasheet
783Kb / 48P
   Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Texas Instruments
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com