Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2214A Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS2214A
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2214A Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS2214A Datasheet HTML 2Page - Texas Instruments TPS2214A Datasheet HTML 3Page - Texas Instruments TPS2214A Datasheet HTML 4Page - Texas Instruments TPS2214A Datasheet HTML 5Page - Texas Instruments TPS2214A Datasheet HTML 6Page - Texas Instruments TPS2214A Datasheet HTML 7Page - Texas Instruments TPS2214A Datasheet HTML 8Page - Texas Instruments TPS2214A Datasheet HTML 9Page - Texas Instruments TPS2214A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TJ = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V, STBY floating, all
outputs unloaded (unless otherwise noted) (continued)
logic section (CLOCK, DATA, LATCH, MODE, RESET, RESET, STBY, OC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(RESET) = 5 V or VI(RESET) = 0 V
30
50
II(RESET) or II(RESET)†
VI(RESET) = 0 V or VI(RESET) = 5 V
1
II(MODE)†
VI(MODE) = 5 V
30
50
Logic input current
II(MODE)†
VI(MODE) = 0 V
1
µA
II(STBY)†
VI(STBY) = 5 V
1
II(STBY)†
VI(STBY) = 0 V
30
50
II(CLOCK) or II(DATA) or II(LATCH)
1
Logic input high level
VI(5V) = 5 V
2
V
Logic input high level
VI(5V) = 0 V
2
V
Logic input low level
0.8
V
Logic output high level OC
VI(5V) = 5 V,
IO = 1 mA
VI(5V)–0.4
V
Logic output high level, OC
VI(5V) = 0 V,
IO = 1 mA
VI(3.3V)–0.4
V
Logic output low level, OC
IO = 1 mA
0.4
V
† RESET and MODE have internal 150-k
Ω pulldown resistors; RESET and STBY have internal 150-kΩ pullup resistors.


Numéro de pièce similaire - TPS2214A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2214A TI-TPS2214A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214ADB TI1-TPS2214ADB Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214ADBG4 TI1-TPS2214ADBG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Description similaire - TPS2214A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com