Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2100D Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS2100D
Description  VAUX POWER-DISTRIBUTION SWITCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2100D Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2100D Datasheet HTML 3Page - Texas Instruments TPS2100D Datasheet HTML 4Page - Texas Instruments TPS2100D Datasheet HTML 5Page - Texas Instruments TPS2100D Datasheet HTML 6Page - Texas Instruments TPS2100D Datasheet HTML 7Page - Texas Instruments TPS2100D Datasheet HTML 8Page - Texas Instruments TPS2100D Datasheet HTML 9Page - Texas Instruments TPS2100D Datasheet HTML 10Page - Texas Instruments TPS2100D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TPS2100, TPS2101
VAUX POWER-DISTRIBUTION SWITCHES
SLVS197C – JUNE 1999 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPLH
tPHL
EN or EN
VO
EN or EN
VO
50%
10%
VI
GND
GND
VI
90%
50%
90%
10%
VO
GND
VI
tr
tf
Propagation Delay Time, Low-to-High-Level Output
Propagation Delay Time, High-to–Low-Level Output
Rise/Fall Time
ton
toff
EN or EN
VO
EN or EN
VO
50%
10%
VI
GND
GND
VI
90%
50%
Turn-on Transition Time
Turn-off Transition Time
WAVEFORMS
OUT
CL
IO
LOAD CIRCUIT
Figure 3. Test Circuit and Voltage Waveforms
Table of Timing Diagrams
FIGURE
Propagation Delay and Rise Time With 0.1-
µF Load, IN1
4
Propagation Delay and Rise Time With 0.1-
µF Load, IN2
5
Propagation Delay and Fall Time With 0.1-
µF Load, IN1
6
Propagation Delay and Fall Time With 0.1-
µF Load, IN2
7
Propagation Delay and Rise Time With 1-
µF Load, IN1
8
Propagation Delay and Rise Time With 1-
µF Load, IN2
9
Propagation Delay and Fall Time With 1-
µF Load, IN1
10
Propagation Delay and Fall Time With 1-
µF Load, IN2
11
† Waveforms shown in Figures 4–11 refer to TPS2100 at TJ = 25°C


Numéro de pièce similaire - TPS2100D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2100DBVR TI1-TPS2100DBVR Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100DBVRG4 TI1-TPS2100DBVRG4 Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100DBVT TI1-TPS2100DBVT Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100DBVTG4 TI1-TPS2100DBVTG4 Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2100D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2102 TI-TPS2102 Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com