Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2023P Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2023P
Description  POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2023P Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS2023P Datasheet HTML 7Page - Texas Instruments TPS2023P Datasheet HTML 8Page - Texas Instruments TPS2023P Datasheet HTML 9Page - Texas Instruments TPS2023P Datasheet HTML 10Page - Texas Instruments TPS2023P Datasheet HTML 11Page - Texas Instruments TPS2023P Datasheet HTML 12Page - Texas Instruments TPS2023P Datasheet HTML 13Page - Texas Instruments TPS2023P Datasheet HTML 14Page - Texas Instruments TPS2023P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPS2020, TPS2021, TPS2022, TPS2023, TPS2024
POWER-DISTRIBUTION SWITCHES
SLVS175A – DECEMBER 1998 – REVISED NOVEMBER 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 14. 3.7-
Ω Load Connected to an Enabled
TPS2020 Device
50 100 150 200 250 300 350 400 450 500
t – Time –
µs
VO(OC) (5 V/div)
0
IO(OUT) (500 mA/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 3.7 Ω
TA = 25°C
Figure 15. 3.7-
Ω Load Connected to an Enabled
TPS2021 Device
200 400 600 800 1000 1200 1400 1600 1800 2000
t – Time –
µs
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 3.7 Ω
TA = 25°C
Figure 16. 2.6-
Ω Load Connected to an Enabled
TPS2021 Device
50 100 150 200 250 300 350 400 450 500
t – Time –
µs
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 2.6 Ω
TA = 25°C
Figure 17. 2.6-
Ω Load Connected to an Enabled
TPS2022 Device
200 400 600 800 1000 1200 1400 1600 1800 2000
t – Time –
µs
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 2.6 Ω
TA = 25°C


Numéro de pièce similaire - TPS2023P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2023P TI1-TPS2023P Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2023PE4 TI1-TPS2023PE4 Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2023P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com