Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS1120D Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS1120D
Description  DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS1120D Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS1120D Datasheet HTML 3Page - Texas Instruments TPS1120D Datasheet HTML 4Page - Texas Instruments TPS1120D Datasheet HTML 5Page - Texas Instruments TPS1120D Datasheet HTML 6Page - Texas Instruments TPS1120D Datasheet HTML 7Page - Texas Instruments TPS1120D Datasheet HTML 8Page - Texas Instruments TPS1120D Datasheet HTML 9Page - Texas Instruments TPS1120D Datasheet HTML 10Page - Texas Instruments TPS1120D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TPS1120, TPS1120Y
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS080A – MARCH 1994 – REVISED AUGUST 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.3
0.2
0.1
0
– 0.1
– 1
0.4
0.5
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
0.6
– 10
ID – Drain Current – A
0.7
VGS = – 2.7 V
VGS = – 3 V
VGS = – 4.5 V
VGS = –10 V
TJ = 25°C
Figure 5
200
150
50
0
0 – 1 – 2 – 3 – 4 – 5 – 6
250
300
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
350
– 7 – 8 – 9
–12
100
–10 –11
Coss
VDS – Drain-to-Source Voltage – V
Ciss†
Crss‡
VGS = 0
f = 1 MHz
TJ = 25°C
Crss + Cgd,Coss + Cds )
Cgs Cgd
Cgs ) Cgd
≈ C
ds )
C
gd
C
iss +
Cgs ) Cgd,Cds(shorted)
Figure 6
Figure 7
1.2
0.9
0.8
0.6
1.3
1.4
STATIC DRAIN-TO-SOURCE
ON-STATE RESISTANCE (NORMALIZED)
vs
JUNCTION TEMPERATURE
1.5
1.1
1
0.7
– 50
0
50
100
150
TJ – Junction Temperature – °C
VGS = – 10 V
ID = – 1A
– 0.1
0
– 0.6
–1.2
–1.8
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
–1
–10
– 0.2 – 0.4
– 0.8 – 1
–1.4 –1.6
VSD – Source-to-Drain Voltage – V
Pulse Test
TJ = 150°C
TJ = 25°C
TJ = – 40°C
Figure 8


Numéro de pièce similaire - TPS1120D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS1120D TI1-TPS1120D Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120DG4 TI1-TPS1120DG4 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120DR TI1-TPS1120DR Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120DRG4 TI1-TPS1120DRG4 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
VBsemi Electronics Co.,...
TPS1120DRG4 VBSEMI-TPS1120DRG4 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Description similaire - TPS1120D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
   Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
   DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com