Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC1502DW Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPIC1502DW
Description  QUAD AND HEX POWER DMOS ARRAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC1502DW Fiches technique(HTML) 5 Page - Texas Instruments

  TPIC1502DW Datasheet HTML 1Page - Texas Instruments TPIC1502DW Datasheet HTML 2Page - Texas Instruments TPIC1502DW Datasheet HTML 3Page - Texas Instruments TPIC1502DW Datasheet HTML 4Page - Texas Instruments TPIC1502DW Datasheet HTML 5Page - Texas Instruments TPIC1502DW Datasheet HTML 6Page - Texas Instruments TPIC1502DW Datasheet HTML 7Page - Texas Instruments TPIC1502DW Datasheet HTML 8Page - Texas Instruments TPIC1502DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPIC1502
QUAD AND HEX POWER DMOS ARRAY
SLIS054 – OCTOBER 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
source-to-drain diode characteristics, Q3A, Q4A, Q5A, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Reverse-recovery time
IS = 750 mA,
VDS 14 V
VGS = 0,
di/dt
100 A/
µs
26
ns
QRR
Total diode charge
VDS = 14 V,
See Figures 2 and 23
di/dt = 100 A/
µs,
17
nC
resistive-load switching characteristics, Q3A, Q3B, Q4A, Q4B, Q5A, Q5B, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
13
td(off)
Turn-off delay time
VDD = 14 V,
RL = 18.7 Ω,ten = 10 ns,
13
ns
tr
Rise time
DD
,
tdis = 10 ns,
L
,
See Figure 3
en
,
3
ns
tf
Fall time
7
Qg
Total gate charge
V
14 V
I
750
A
V10 V
1
1.3
Qgs(th) Threshold gate-to-source charge
VDS = 14 V,
ID = 750 mA,
See Figure 4 and Figure 22
VGS = 10 V,
0.2
0.25
nC
Qgd
Gate-to-drain charge
See Figure 4 and Figure 22
0.2
0.25
LD
Internal drain inductance
7
nH
LS
Internal source inductance
7
nH
Rg
Internal gate resistance
0.25
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
θJA
Junction-to-ambient thermal resistance
See Notes 5 and 8
90
R
θJB
Junction-to-board thermal resistance
See Notes 6 and 8
52
°C/W
R
θJP
Junction-to-pin thermal resistance
See Notes 7 and 8
28
NOTES:
5. Package mounted on a FR4 printed-circuit board with no heatsink.
6. Package mounted on a 24 in2, 4-layer FR4 printed-circuit board.
7. Package mounted in intimate contact with infinite heatsink.
8. All outputs with equal power


Numéro de pièce similaire - TPIC1502DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC1501 TI-TPIC1501 Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1501A TI-TPIC1501A Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1501ADW TI-TPIC1501ADW Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504DW TI-TPIC1504DW Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
More results

Description similaire - TPIC1502DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC1501A TI-TPIC1501A Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1533 TI-TPIC1533 Datasheet
312Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
logo
Supertex, Inc
VC0206N6 SUTEX-VC0206N6 Datasheet
40Kb / 1P
   Complementary Enhancement-Mode Vertical DMOS Power FETs Quad Array
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
logo
Supertex, Inc
VN0106NE SUTEX-VN0106NE Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VP0204N6 SUTEX-VP0204N6 Datasheet
40Kb / 1P
   P-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VN0204N6 SUTEX-VN0204N6 Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array???
logo
Texas Instruments
TPIC5621L TI1-TPIC5621L Datasheet
240Kb / 13P
[Old version datasheet]   SIX-OUTPUT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com