Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC1501A Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPIC1501A
Description  QUAD AND HEX POWER DMOS ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC1501A Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPIC1501A Datasheet HTML 7Page - Texas Instruments TPIC1501A Datasheet HTML 8Page - Texas Instruments TPIC1501A Datasheet HTML 9Page - Texas Instruments TPIC1501A Datasheet HTML 10Page - Texas Instruments TPIC1501A Datasheet HTML 11Page - Texas Instruments TPIC1501A Datasheet HTML 12Page - Texas Instruments TPIC1501A Datasheet HTML 13Page - Texas Instruments TPIC1501A Datasheet HTML 14Page - Texas Instruments TPIC1501A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TPIC1501A
QUAD AND HEX POWER DMOS ARRAY
SLIS046A – MAY 1995 – REVISED JUNE 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
4
2
0
0
1
2345
6
6
8
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
10
78
9
10
VDS – Drain-to-Source Voltage – V
5
4
2
1
0
3
0
1
234
56
6
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
789
10
VDS – Drain-to-Source Voltage – V
VGS = 5 V
VGS = 3 V
VGS = 7 V
∆VGS = 1 V
(unless otherwise noted)
TJ = 25°C
Q3A, Q3B, Q4A, Q4B,
Q5A, Q5B
12
∆VGS = 0.5 V
(unless otherwise noted)
TJ = 25°C
Q1A, Q1B, Q2A, Q2B
VGS = 3 V
VGS = 4 V
Figure 11
Figure 12
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
gfs – Forward Transconductance – S
20
5
0
30
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
gfs – Forward Transconductance – S
35
20
10
0
30
TJ = 25°C
ID = 750 mA
Q3A, Q3B, Q4A,
Q4B, Q5A, Q5B
Total Number of Units = 1200
VDS = 14 V
35
25
10
15
TJ = 25°C
ID = 1.5 A
Q1A, Q1B,
Q2A, Q2B
Total Number of Units = 1200
VDS = 14 V
5
15
25
Figure 13
Figure 14


Numéro de pièce similaire - TPIC1501A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502DW TI-TPIC1502DW Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504DW TI-TPIC1504DW Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
More results

Description similaire - TPIC1501A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC1533 TI-TPIC1533 Datasheet
312Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
logo
Supertex, Inc
VC0206N6 SUTEX-VC0206N6 Datasheet
40Kb / 1P
   Complementary Enhancement-Mode Vertical DMOS Power FETs Quad Array
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
logo
Supertex, Inc
VN0106NE SUTEX-VN0106NE Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VP0204N6 SUTEX-VP0204N6 Datasheet
40Kb / 1P
   P-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VN0204N6 SUTEX-VN0204N6 Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array???
logo
Texas Instruments
TPIC5621L TI1-TPIC5621L Datasheet
240Kb / 13P
[Old version datasheet]   SIX-OUTPUT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com