Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC1310KTR Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPIC1310KTR
Description  3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC1310KTR Fiches technique(HTML) 1 Page - Texas Instruments

  TPIC1310KTR Datasheet HTML 1Page - Texas Instruments TPIC1310KTR Datasheet HTML 2Page - Texas Instruments TPIC1310KTR Datasheet HTML 3Page - Texas Instruments TPIC1310KTR Datasheet HTML 4Page - Texas Instruments TPIC1310KTR Datasheet HTML 5Page - Texas Instruments TPIC1310KTR Datasheet HTML 6Page - Texas Instruments TPIC1310KTR Datasheet HTML 7Page - Texas Instruments TPIC1310KTR Datasheet HTML 8Page - Texas Instruments TPIC1310KTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPIC1310
3-HALF H-BRIDGE GATE PROTECTED
POWER DMOS ARRAY
SLIS071 – DECEMBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Configured for 3-Phase Brushless Motor
Drive
D Low rDS(on) . . . 0.25 Ω Typ
D High Voltage Output...30 V
D Pulsed Current...12 A Per Channel
D Input Transient and ESD Protection
D Compatible With High-Side and Low-Side
Current Sense Resistors
description
The TPIC1310 is a monolithic gate-protected
power DMOS array that consists of six electrically
isolated N-channel enhancement-mode DMOS
transistors configured as a three-half H-bridge.
When suitably heat sunk, the TPIC1310 can drive
motors requiring 2.5 A of phase current. The
DMOS transistors are immune to second break-
down effects and current crowding, problems
often associated with bipolar transistors.
The TPIC1310 is offered in 15-pin through-hole
(KTS) and surface-mount (KTR) PowerFLEX
packages and is characterized for operation over
the case temperature range of – 40
°C to 125°C.
schematic
NOTES: A. Terminals 1 and 15 must be externally connected.
B. Terminals 6 and 10 must be connected to GND.
C. Terminals 7 and 9 must be connected to the sense resistor or GND.
D. No terminal may be taken greater than 0.5 V below GND.
OUTA
Q4
Q1
UGA
2
3
LGA
4
OUTB
Q5
Q2
UGB
8
5
LGB
11
OUTC
Q6
Q3
UG
C
14
13
LGC
12
7, 9
SOURCE
6, 10
SUB/TAB/GND
VDD
1, 15
13 k
13 k
13 k
PowerFLEX is a trademark of Texas Instruments Inc.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VDD
OUTA
UGA
LGA
UGB
SUB/GND
SOURCE
OUTB
SOURCE
SUB/GND
LGB
LGC
UGC
OUTC
VDD
KTR or KTS PACKAGE
(TOP VIEW)
Tab is SUB/GND
KTR PACKAGE
KTS PACKAGE
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1997, Texas Instruments Incorporated


Numéro de pièce similaire - TPIC1310KTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC1301DW TI1-TPIC1301DW Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC1321LDW TI1-TPIC1321LDW Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results

Description similaire - TPIC1310KTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5404 TI1-TPIC5404 Datasheet
270Kb / 15P
[Old version datasheet]   H-BRIDGE POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5403 TI-TPIC5403 Datasheet
295Kb / 14P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com