Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA1517 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA1517
Description  6-W STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA1517 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPA1517 Datasheet HTML 6Page - Texas Instruments TPA1517 Datasheet HTML 7Page - Texas Instruments TPA1517 Datasheet HTML 8Page - Texas Instruments TPA1517 Datasheet HTML 9Page - Texas Instruments TPA1517 Datasheet HTML 10Page - Texas Instruments TPA1517 Datasheet HTML 11Page - Texas Instruments TPA1517 Datasheet HTML 12Page - Texas Instruments TPA1517 Datasheet HTML 13Page - Texas Instruments TPA1517 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TPA1517
6-W STEREO AUDIO POWER AMPLIFIER
SLOS162B – MARCH 1997 – REVISED MARCH 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
VCC – Supply Voltage – V
4
2
0
8
9
10
11
12
13
14
6
8
15
16
17
18
RL = 4 Ω
RL = 8 Ω
OUTPUT POWER
vs
SUPPLY VOLTAGE
THD < 1%
Figure 20
VCC = 14.5 V
VCC = 12 V
THD < 1%
3
2
1
0
2 4
6
8
14 16
20
4
5
OUTPUT POWER
vs
LOAD RESISTANCE
6
22 24
28
32
10 12
18
26
30
RL – Load Resistance – Ω
Figure 21
2
1.5
1
0.5
01
2
3
2.5
3
POWER DISSIPATION
vs
OUTPUT POWER
3.5
45
6
VCC = 12 V
RL = 4 Ω
RL = 8 Ω
PO – Output Power – W
Figure 22
2
1.5
1
0.5
01
2
3
2.5
3
POWER DISSIPATION
vs
OUTPUT POWER
3.5
45
6
VCC = 14.5 V
RL = 4 Ω
PO – Output Power – W
RL = 8 Ω


Numéro de pièce similaire - TPA1517

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI-TPA1517DWP Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI1-TPA1517DWP Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPG4 TI-TPA1517DWPG4 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

Description similaire - TPA1517

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com