Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC6-15D1212 Fiches technique(PDF) 1 Page - Tumbler Technologies + TRUMPower

No de pièce TC6-15D1212
Description  DC/DC CONVERTERS 2:1 Input, 15 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRUMPOWER [Tumbler Technologies + TRUMPower]
Site Internet  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TC6-15D1212 Fiches technique(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TC6-15D1212 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. C -1/2008-
TC6 Series
2:1 Input, 15 Watt
*MODEL NUMBER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
OUTPUT
POWER
14.8W
15W
15W
15W
15W
15W
15W
4500 mA
3000 mA
1250 mA
1000 mA
±1500 mA
±625 mA
±500 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
TC6-15S123.3
TC6-15S1205
TC6-15S1212
TC6-15S1215
TC6-15D1205
TC6-15D1212
TC6-15D1215
TC6-15S483.3
TC6-15S4805
TC6-15S4812
TC6-15S4815
TC6-15D4805
TC6-15D4812
TC6-15D4815
TC6-15S243.3
TC6-15S2405
TC6-15S2412
TC6-15S2415
TC6-15D2405
TC6-15D2412
TC6-15D2415
18-36 VDC IN
36-72 VDC IN
9-18 VDC IN
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
T
Other input/output combinations available.
*Add suffix "R" for "remote on/off" option.
*Add suffix "A" for "external trim adjustment" option.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-18V Input..................................12 VDC
18-36V Input..................................24 VDC
36-72V Input.................................48 VDC
Input Filter............................................................Pi Filter
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±2%, Max.
Voltage Balance, Dual Output..........................±1%, Max.
Line Regulation, HL-LL..................................±0.5%, Max.
Load Regulation, FL-25%FL............................±1%, Max.
Ripple and Noise, 20MHz BW.......Single, 50mVp-p, Max.
Dual, 75mVp-p, Max.
Short Circuit Protection.................... .............Continuous
Remote On/Off Control, Optional......................Suffix "R"
External Trim Adjustment, Optional; Suffix "A"...... ±10%
GENERAL SPECIFICATIONS
Efficiency........................................................83% - 87%
Isolation Voltage, Input to Output..............500 VDC, Min.
Switching Frequency...................................250 kHz, Typ.
EMI/RFI....................................Meets EN55022 Class A
Operating Temperature Range................-25°C to +71°C
Storage Temperature Range.................-40°C to +100°C
Case Temperature.....................................+100°C, Max.
Cooling.............................................Free Air Convection
Weight.................................................1.2 oz. (34 grams)
Case Material...............Metal with Non-Conductive Base
0.40
(10.2)
2.00
(50.8)
0.60
(15.2)
*NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
+IN
-IN
-OUT
+OUT
0.80
(20.3)
0.20
(5.1)
0.60
(15.2)
1.00
(25.4)
BOTTOM VIEW
COM
/NP*
/TRIM
0.10
(2.54)
0.22
(5.6) Min.
0.40
(10.2)
0.40
(10.2)
NP*/
Remote
Option


Numéro de pièce similaire - TC6-15D1212

FabricantNo de pièceFiches techniqueDescription
logo
Tumbler Technologies + ...
TC6-15D1212 TRUMPOWER-TC6-15D1212 Datasheet
23Kb / 1P
   DC/DC CONVERTERS
More results

Description similaire - TC6-15D1212

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
   15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3-10S123.3 TRUMPOWER-TD3-10S123.3 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC5BU CINCON-EC5BU Datasheet
173Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
   15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3WR-10S243.3 TRUMPOWER-TD3WR-10S243.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5C CINCON-EC5C Datasheet
210Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com