Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP68T1 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce BCP68T1
Description  MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCP68T1 Fiches technique(HTML) 1 Page - Motorola, Inc

  BCP68T1 Datasheet HTML 1Page - Motorola, Inc BCP68T1 Datasheet HTML 2Page - Motorola, Inc BCP68T1 Datasheet HTML 3Page - Motorola, Inc BCP68T1 Datasheet HTML 4Page - Motorola, Inc BCP68T1 Datasheet HTML 5Page - Motorola, Inc BCP68T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN Silicon
Epitaxial Transistor
This NPN Silicon Epitaxial Transistor is designed for use in low voltage, high current
applications. The device is housed in the SOT-223 package, which is designed for
medium power surface mount applications.
• High Current: IC = 1.0 Amp
• The SOT-223 Package can be soldered using wave or reflow.
• SOT-223 package ensures level mounting, resulting in improved thermal
conduction, and allows visual inspection of soldered joints. The formed leads
absorb thermal stress during soldering, eliminating the possibility of damage to
the die
• Available in 12 mm Tape and Reel
Use BCP68T1 to order the 7 inch/1000 unit reel.
Use BCP68T3 to order the 13 inch/4000 unit reel.
• The PNP Complement is BCP69T1
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
25
Vdc
Collector-Base Voltage
VCBO
20
Vdc
Emitter-Base Voltage
VEBO
5
Vdc
Collector Current
IC
1
Adc
Total Power Dissipation @ TA = 25°C(1)
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 65 to 150
°C
DEVICE MARKING
CA
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance — Junction-to-Ambient (surface mounted)
R
θJA
83.3
°C/W
Maximum Temperature for Soldering Purposes
Time in Solder Bath
TL
260
10
°C
Sec
1. Device mounted on a FR-4 glass epoxy printed circuit board 1.575 in. x 1.575 in. x 0.0625 in.; mounting pad for the collector lead = 0.93 sq. in.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by BCP68T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
BCP68T1
Motorola Preferred Device
MEDIUM POWER
NPN SILICON
HIGH CURRENT
TRANSISTOR
SURFACE MOUNT
CASE 318E-04, STYLE 1
TO-261AA
1
2
3
4
COLLECTOR 2,4
BASE
1
EMITTER 3
REV 1


Numéro de pièce similaire - BCP68T1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
109Kb / 5P
   NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
BCP68T1G ONSEMI-BCP68T1G_14 Datasheet
109Kb / 5P
   NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
More results

Description similaire - BCP68T1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
   HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com