Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1061 Fiches technique(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce 2SA1061
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1061 Fiches technique(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1061 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1061 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1061 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2SA1061
DESCRIPTION
・With TO-3PN package
・Complement to type 2SC2485
・High collector power dissipation
APPLICATIONS
・High power audio frequency amplifier
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings (Ta=25)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-100
V
VCEO
Collector-emitter voltage
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current (DC)
-6
A
ICM
Collector current-peak
-10
A
PC
Collector power dissipation
TC=25℃
70
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
JMnic


Numéro de pièce similaire - 2SA1061

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SA1061 PANASONIC-2SA1061 Datasheet
102Kb / 2P
   SILICON EPITAXAL BASE LESA TRANSISTOR
logo
Inchange Semiconductor ...
2SA1061 ISC-2SA1061 Datasheet
81Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1061 SAVANTIC-2SA1061 Datasheet
139Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1061 JMNIC-2SA1061 Datasheet
118Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1061 NJSEMI-2SA1061 Datasheet
186Kb / 2P
   Silicon PNP Power Transistor
More results

Description similaire - 2SA1061

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com