Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C6V8PT Fiches technique(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

No de pièce BZX55C6V8PT
Description  SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 0.8V TO 200V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENMKO [Chenmko Enterprise Co. Ltd.]
Site Internet  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BZX55C6V8PT Fiches technique(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  BZX55C6V8PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BZX55C6V8PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. BZX55C6V8PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. BZX55C6V8PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTIC ( BZX55C 0V8PT THRU BZX55C 200PT )
Nominal
Zener Voltage Range
Maximum Zener impedance
Maximum
Type
Maximum
Zener
Test
current
at
reverse leakage current temperature
coefficient
regulator
voltage
current
at
ZZT
at
at
at
IZT
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
Note 2
VZ (V)
IZT (mA)
VZ (V)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
5.9
5.3
4.8
4.4
4.0
3.6
3.3
3.0
2.7
2.4
2.2
2.0
0.04~0.12
0.04~0.12
0.05~0.12
0.05~0.12
0.05~0.12
0.05~0.12
0.05~0.12
0.05~0.12
0.05~0.12
0.05~0.12
0.05~0.12
0.05~0.12
51
56
62
68
75
82
91
100
110
120
130
150
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
IR
(2)
(uA)
10
10
10
10
10
10
10
10
10
10
10
10
0.5
0.5
0.25
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1000
1000
1500
2000
5000
5000
5500
6000
6500
7000
8500
10000
200
250
300
450
450
600
800
950
1250
1400
1700
2000
2.5
2.5
2.5
1
1
1
1
1
1
1
1
1
64 ~ 72
70 ~ 79
77 ~ 87
68
75
82
85 ~ 96
94 ~ 106
104 ~ 116
114 ~ 117
124 ~ 141
138 ~ 156
153 ~ 171
168 ~ 191
188 ~ 212
91
100
110
120
130
150
160
180
200
BZX55C 68PT
BZX55C 75PT
BZX55C 82PT
BZX55C 91PT
BZX55C 100PT
BZX55C 120PT
BZX55C 110PT
BZX55C 130PT
BZX55C 150PT
BZX55C 160PT
BZX55C 180PT
BZX55C 200PT
Zener Voltage
NOTES : 1. Tested with puless tp=20mS.
2. Vaild provided that leads are kept at ambient temperature at a distance of 8 mm from case.
3. The BZX55C 0V8 is a silicon diode with operation in forward direction. hence, the index of all parameter should be "F"
instead of "Z". Connect the cathode lead to the negative pole.


Numéro de pièce similaire - BZX55C6V8PT

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX55C6V8 VISHAY-BZX55C6V8 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Continental Device Indi...
BZX55C6V8 CDIL-BZX55C6V8 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C6V8 VISHAY-BZX55C6V8 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Zibo Seno Electronic En...
BZX55C6V8 ZSELEC-BZX55C6V8 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C6V8 LUGUANG-BZX55C6V8 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - BZX55C6V8PT

FabricantNo de pièceFiches techniqueDescription
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
BZX85C2V7PT CHENMKO-BZX85C2V7PT Datasheet
139Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V
BZX79C2V7PT CHENMKO-BZX79C2V7PT Datasheet
125Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
1N4728PT CHENMKO-1N4728PT Datasheet
122Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com