Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC555IDR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC555IDR
Description  LinCMOSE TIMERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC555IDR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TLC555IDR Datasheet HTML 5Page - Texas Instruments TLC555IDR Datasheet HTML 6Page - Texas Instruments TLC555IDR Datasheet HTML 7Page - Texas Instruments TLC555IDR Datasheet HTML 8Page - Texas Instruments TLC555IDR Datasheet HTML 9Page - Texas Instruments TLC555IDR Datasheet HTML 10Page - Texas Instruments TLC555IDR Datasheet HTML 11Page - Texas Instruments TLC555IDR Datasheet HTML 12Page - Texas Instruments TLC555IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TLC555
LinCMOS TIMER
SLFS043F − SEPTEMBER 1983 − REVISED FEBRUARY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
2
1
−75 − 50
− 25
0
25
75
125
DISCHARGE SWITCH ON-STATE RESISTANCE
vs
FREE-AIR TEMPERATURE
50
100
10
4
20
100
40
7
70
TA − Free-Air Temperature − °C
VDD = 2 V, IO = 1 mA
VDD = 5 V, IO = 10 mA
VDD = 15 V, IO = 100 mA
Figure 2
100
0
0
2
4
6
8
12
16
PROPAGATION DELAY TIMES TO DISCHARGE
OUTPUT FROM TRIGGER AND THRESHOLD
SHORTED TOGETHER
vs
SUPPLY VOLTAGE
10
14
400
200
500
600
300
VDD − Supply Voltage − V
20
18
tPLH†
IO(on) ≥ 1 mA
CL ≈ 0
TA = 25°C
† The effects of the load resistance on these values must be
taken into account separately.
tPHL
APPLICATION INFORMATION
0.1
µF
0.1
µF
CT
CL
RL
Output
RB
RA
GND
TRIG
THRES
RESET
DISCH
CONT
VDD
OUT
VDD
2/3 VDD
1/3 VDD
GND
tPHL
tPLH
tc(H)
tc(L)
CIRCUIT
TRIGGER AND THRESHOLD VOLTAGE WAVEFORM
TLC555
6
1
3
8
5
4
7
2
Pin numbers shown are for all packages except the
FK package.
Figure 3. Astable Operation


Numéro de pièce similaire - TLC555IDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC555IDR TI1-TLC555IDR Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC555IDR TI-TLC555IDR Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555IDR TI1-TLC555IDR Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC555IDRG4 TI1-TLC555IDRG4 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC555IDRG4 TI-TLC555IDRG4 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
More results

Description similaire - TLC555IDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Texas Instruments
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com