Moteur de recherche de fiches techniques de composants électroniques |
|
TLC5618AQD Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
TLC5618AQD Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 26 page TLC5618, TLC5618A PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS SLAS156E – JULY 1997 – REVISED SEPTEMBER 1999 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage (VDD to AGND) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital input voltage range to AGND – 0.3 V to VDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference input voltage range to AGND – 0.3 V to VDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage at OUT from external source VDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current at any terminal ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: TLC5618C, TLC5618AC 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . TLC5618I, TLC5618AI – 40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . TLC5618AQ – 40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TLC5618AM – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C TA = 125°C PACKAGE A POWER RATING ABOVE TA = 25°C‡ A POWER RATING A POWER RATING A POWER RATING D 635 mW 5.08 mW/ °C 407 mW 330 mW — FK 1375 mW 11.00 mW/ °C 880 mW 715 mW 275 mW JG 1050 mW 8.40 mW/ °C 672 mW 546 mW 210 mW P 1202 mW 9.61 mW/ °C 769 mW 625 mW — ‡ This is the inverse of the traditional Junction-to-Ambient thermal Resistance (R ΘJA). Thermal Resistances are not production tested and are for informational purposes only. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VDD 4.5 5 5.5 V High-level digital input voltage, VIH VDD = 5 V 0.7 VDD V Low-level digital input voltage, VIL VDD = 5 V 0.3 VDD V Reference voltage, Vref to REFIN terminal 2 2.048 VDD – 1.1 V Load resistance, RL 2 k Ω TLC5618C, TLC5618AC 0 70 Operating free air temperature TA TLC5618I, TLC5618AI –40 85 °C Operating free-air temperature, TA TLC5618AQ –40 125 °C TLC5618AM –55 125 |
Numéro de pièce similaire - TLC5618AQD |
|
Description similaire - TLC5618AQD |