Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1740 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce 2SK1740
Description  HF Amplifiers Low-Frequency Amplifiers Analog Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK1740 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  2SK1740 Datasheet HTML 1Page - Sanyo Semicon Device 2SK1740 Datasheet HTML 2Page - Sanyo Semicon Device 2SK1740 Datasheet HTML 3Page - Sanyo Semicon Device 2SK1740 Datasheet HTML 4Page - Sanyo Semicon Device 2SK1740 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SK1740
No.4112-4/5
0
yog -- f
40
30
20
10
0
0
200
400
600
800
1000
20
16
12
8
4
0
400
200
600
800
1000
yig -- f
Frequency, f -- MHz
24
20
12
8
4
16
0
0
200
400
1000
600
800
yfg -- f
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
04
8
12
16
yrg -- VDG
ITR01976
ITR01977
ITR01978
ITR01979
ID=10mA
f=100MHz
Common Gate
--brg
--grg
VDG=10V
ID=10mA
Common Gate
--gfg
bfg
VDG=10V
ID=10mA
Common Gate
gig
gig
VDG=10V
ID=10mA
Common Gate
bog
gog
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
16
12
8
4
0
yog -- ID
28
24
20
16
12
8
4
0
yig -- VDG
Drain-to-Gate Voltage, VDG -- V
04
8
12
16
ITR01972
ITR01973
1.2
1.0
0.8
0.4
0.2
0.6
0
08
416
12
yrg -- ID
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
04
8
12
16
yog -- VDG
ITR01974
ITR01975
ID=10mA
f=100MHz
Common Gate
gig
big
VDG=10V, f=100MHz
Common Gate
bog
gog
ID=10mA
f=100MHz
Common Gate
bog
gog
VDG=10V
f=100MHz
Common Gate
--brg
--grg
Drain-to-Gate Voltage, VDG -- V
Drain-to-Gate Voltage, VDG -- V
Frequency, f -- MHz
Frequency, f -- MHz
Drain Current, ID -- mA
Drain Current, ID -- mA


Numéro de pièce similaire - 2SK1740

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK1741 SANYO-2SK1741 Datasheet
392Kb / 3P
   2SK1741
logo
Inchange Semiconductor ...
2SK1741 ISC-2SK1741 Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
2SK1745 ETC-2SK1745 Datasheet
60Kb / 2P
   2SK1745
logo
Inchange Semiconductor ...
2SK1745 ISC-2SK1745 Datasheet
68Kb / 2P
   Fast Switching Speed
logo
Toshiba Semiconductor
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
More results

Description similaire - 2SK1740

FabricantNo de pièceFiches techniqueDescription
logo
American Microsemicondu...
2N2222A AMMSEMI-2N2222A Datasheet
439Kb / 1P
   Amplifiers & Switches
2N697 AMMSEMI-2N697 Datasheet
439Kb / 1P
   Amplifiers & Switches
2N4400 AMMSEMI-2N4400 Datasheet
439Kb / 1P
   Amplifiers & Switches
2N4401 AMMSEMI-2N4401 Datasheet
439Kb / 1P
   Amplifiers & Switches
2N6715 AMMSEMI-2N6715 Datasheet
439Kb / 1P
   Amplifiers & Switches
MMBT3904 AMMSEMI-MMBT3904 Datasheet
439Kb / 1P
   Amplifiers & Switches
PN3644 AMMSEMI-PN3644 Datasheet
439Kb / 1P
   Amplifiers & Switches
D41D4 AMMSEMI-D41D4 Datasheet
439Kb / 1P
   Amplifiers & Switches
BCX79 AMMSEMI-BCX79 Datasheet
439Kb / 1P
   Amplifiers & Switches
2N2219A AMMSEMI-2N2219A Datasheet
439Kb / 1P
   Amplifiers & Switches
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com