Moteur de recherche de fiches techniques de composants électroniques |
|
TLC1078CP Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
TLC1078CP Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 33 page TLC1078, TLC1078Y, TLC1079, TLC1079Y LinCMOS ™ µPOWER PRECISION OPERATIONAL AMPLIFIERS SLOS179 – FEBRUARY 1997 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC1087Y chip information This chip, when properly assembled, displays characteristics similar to the TLC1078C. Thermal compression or ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips can be mounted with conductive epoxy or a gold-silicon preform. BONDING PAD ASSIGNMENTS CHIP THICKNESS: 15 MILS TYPICAL BONDING PADS: 4 × 4 MILS MINIMUM TJmax = 150°C TOLERANCES ARE ±10%. ALL DIMENSIONS ARE IN MILS. + – 1OUT 1IN + 1IN – VDD VDD – /GND (8) (3) (2) (4) + – 2OUT 2IN + 2IN – (5) (6) 83 72 (1) (5) (4) (3) (2) (6) (7) (8) BONDING PAD ASSIGNMENTS |
Numéro de pièce similaire - TLC1078CP |
|
Description similaire - TLC1078CP |