Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL34071P Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TL34071P
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL34071P Fiches technique(HTML) 4 Page - Texas Instruments

  TL34071P Datasheet HTML 1Page - Texas Instruments TL34071P Datasheet HTML 2Page - Texas Instruments TL34071P Datasheet HTML 3Page - Texas Instruments TL34071P Datasheet HTML 4Page - Texas Instruments TL34071P Datasheet HTML 5Page - Texas Instruments TL34071P Datasheet HTML 6Page - Texas Instruments TL34071P Datasheet HTML 7Page - Texas Instruments TL34071P Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL3x071, TL3x071A, TL3x072, TL3x072A, TL3x074, TL3x074A
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
SLOS097C – MARCH 1991 – REVISED AUGUST 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TL3x07xA
TL3x07x
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VCC = 5 V
25
°C
0.5
3
1.5
5
VIO
Input offset voltage
VCC = ± 15 V
25
°C
0.5
3
1.0
5
mV
VCC = ± 15 V
Full range
5
7
αVIO
Temperature coefficient
of input offset voltage
VIC = 0,
V0
VCC = ± 15 V Full range
10
10
µV/°C
IIO
Input offset current
VO = 0,
RS = 50 Ω VCC = ±15 V
25
°C
7
100
7
100
nA
IIO
Input offset current
RS = 50 Ω VCC = ±15 V
Full range
250
250
nA
VCC =5V
25
°C
– 0.8
–2
– 0.8
–2
IIB
Input bias current
VCC = 5 V
Full range
– 2.3
– 2.3
µA
IIB
Input bias current
VCC = ± 15 V
25
°C
– 0.7
– 1.5
– 0.7
– 1.5
µA
VCC = ± 15 V
Full range
– 1.8
– 1.8
VICR
Common-mode input
RS =50 Ω
25
°C
– 15
to
13.2
– 15
to
13.2
V
VICR
voltage range
RS = 50 Ω
Full range
– 15
to
12.8
– 15
to
12.8
V
V
Hi h l
l
t
t
lt
VCC + = 5 V, VCC – = 0,
RL = 2 kΩ
25
°C
3.7
4
3.7
4
V
VOH
High-level output voltage
RL = 10 kΩ
25
°C
13.6
14
13.6
14
V
RL = 2 kΩ
Full range
13.4
13.4
V
Lll
t
t
lt
VCC + = 5 V, VCC – = 0,
RL = 2 kΩ
25
°C
0.1
0.3
0.1
0.3
V
VOL
Low-level output voltage
RL = 10 kΩ
25
°C
– 14.7
– 14.3
– 14.7
– 14.3
V
RL = 2 kΩ
Full range
– 13.5
– 13.5
AVD
Large-signal differential
VO = ± 10 V RL =2kΩ
25
°C
50
100
25
100
V/mV
AVD
gg
voltage amplification
VO = ± 10 V, RL = 2 kΩ
Full range
25
20
V/mV
IOS
Short circuit output current
Source: VID = 1 V, VO = 0
25
°C
–10
–30
–10
–30
mA
IOS
Short-circuit output current
Sink: VID = – 1 V, VO = 0
25
°C
20
30
20
30
mA
CMRR
Common-mode
VIC = VICRmin,
25
°C
80
97
70
97
dB
CMRR
rejection ratio
IC
ICR
,
RS = 50 Ω
25
°C
80
97
70
97
dB
kSVR
Supply-voltage rejection
VCC
± = ±13.5 V
25
°C
80
97
70
97
dB
kSVR
yg
j
ratio (
∆VCC±/∆VIO)
CC
±
to
±16.5 V,
RS = 100 Ω
25
°C
80
97
70
97
dB
VO =0
No Load
25
°C
3.5
4.5
3.5
4.5
ICC
Supply current
VO = 0,
No Load
Full range
4.7
4.7
mA
ICC
y
(per channel)
VCC + = 5 V, VCC – = 0,
25
°C
3.4
4.4
3.4
4.4
mA
VO = 0,
No Load
Full range
4.6
4.6
† Full range is 0
°C to 70°C for the TL3407x devices, and –40°C to 105°C for the TL3307x devices, and –55°C to 125°C for the TL3507x devices.
‡ All typical values are at TA = 25°C.


Numéro de pièce similaire - TL34071P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL34071 TI1-TL34071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL34071A TI1-TL34071A Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Description similaire - TL34071P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8