Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HID125 Fiches technique(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

No de pièce HID125
Description  UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITRON [HITRON ELECTRONICS CORPORTION]
Site Internet  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HID125 Fiches technique(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HID125 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HID125 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-38-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 715.0g(25.2 Oz.)
SINGLE OUTPUT
MAIN VO1 @
MODEL NO.
Typ.
Volt.
Peak
HID125-S120100
10.0A
12.0V
12.0A
HID125-S240050
5.0A
24.0V
6.0A
HID125-S480025
2.5A
48.0V
3.0A
Symbol: "@"Adjustable. " " OVP built-in .
Remark: Peak load less than 60 sec. with duty cycle <10%.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSIGNMENT
AC-LINE
AC-NEUTRAL
AC-GROUND
VO1
DC COM
CNTR & PIN #
P1-3(L)
P1-2(N)
P1-1(G)
P2-3,4
P2-1,2


Numéro de pièce similaire - HID125

FabricantNo de pièceFiches techniqueDescription
logo
BCM Advanced Research.
HID-2132 BCM-HID-2132 Datasheet
691Kb / 2P
   21.5” Slim design Multi-touch Medical Panel PC
7/31/2018
HID-2132-3955U BCM-HID-2132-3955U Datasheet
691Kb / 2P
   21.5” Slim design Multi-touch Medical Panel PC
7/31/2018
HID-2132-610U BCM-HID-2132-610U Datasheet
691Kb / 2P
   21.5” Slim design Multi-touch Medical Panel PC
7/31/2018
HID-2132-630U BCM-HID-2132-630U Datasheet
691Kb / 2P
   21.5” Slim design Multi-touch Medical Panel PC
7/31/2018
HID-2132-660U BCM-HID-2132-660U Datasheet
691Kb / 2P
   21.5” Slim design Multi-touch Medical Panel PC
7/31/2018
More results

Description similaire - HID125

FabricantNo de pièceFiches techniqueDescription
logo
HITRON ELECTRONICS CORP...
HPD125 HITRON-HPD125 Datasheet
282Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES
HID35 HITRON-HID35 Datasheet
279Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 30 WATTS SWITCHING MODE POWER SUPPLIES
HID60 HITRON-HID60 Datasheet
256Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HID65 HITRON-HID65 Datasheet
269Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 65 WATTS SWITCHING MODE POWER SUPPLIES
HPD65 HITRON-HPD65 Datasheet
283Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HPD100 HITRON-HPD100 Datasheet
272Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
HPD150 HITRON-HPD150 Datasheet
226Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
logo
ETA-USA
ZWD120-FWX-W ETA-USA-ZWD120-FWX-W Datasheet
704Kb / 3P
   AC/DC SWITCHING POWER SUPPLY DUAL OUTPUT 120 WATTS UNIVERSAL INPUT
ZWD120-3X-W ETA-USA-ZWD120-3X-W Datasheet
704Kb / 3P
   AC/DC SWITCHING POWER SUPPLY TRIPLE OUTPUT 120 WATTS UNIVERSAL INPUT
logo
HITRON ELECTRONICS CORP...
HIU45 HITRON-HIU45 Datasheet
283Kb / 2P
   UNIVERSAL AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45 WATTS SWITCHING MODE POWER SUPPLIES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com