Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC241-20 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TC241-20
Description  780-488-pixel ccd image sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TC241-20 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TC241-20 Datasheet HTML 7Page - Texas Instruments TC241-20 Datasheet HTML 8Page - Texas Instruments TC241-20 Datasheet HTML 9Page - Texas Instruments TC241-20 Datasheet HTML 10Page - Texas Instruments TC241-20 Datasheet HTML 11Page - Texas Instruments TC241-20 Datasheet HTML 12Page - Texas Instruments TC241-20 Datasheet HTML 13Page - Texas Instruments TC241-20 Datasheet HTML 14Page - Texas Instruments TC241-20 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TC241
780-
× 488-PIXEL CCD IMAGE SENSOR
SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage and operating
free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
Antiblooming disabled (see Note 3)
60
dB
Charge-conversion factor
1.4
1.6
1.8
µV/e
Charge-transfer efficiency (see Note 4)
0.9999
0.99995
Signal-response delay time,
τ (see Note 5 and Figure 11)
18
20
22
ns
Gamma (see Note 6)
0.97
0.98
Output resistance
700
800
Noise voltage
1/f noise (5 kHz)
0.13
µV/√Hz
Noise voltage
Random noise (f = 100 kHz)
0.11
µV/√Hz
Noise-equivalent signal
120
electrons
ADB (see Note 7)
20
Rejection ratio at 4.77 MHz
SRG1, SRG2, SRG3 (see Note 8)
40
dB
ABG (see Note 9)
20
Supply current
5
mA
IAG
12000
SRG1, SRG2, SRG3
120
Input capacitance, Ci
ABG
4000
pF
TRG
350
SAG
14000
† All typical values are at TA = 25 °C
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean-noise signal divided by the saturation-output signal.
3. For this test, the antiblooming gate must be biased at the intermediate level.
4. Charge-transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical input signal.
5. Signal-response delay time is the time between the falling edge of the SRG clock pulse and the output-signal valid state.
6. Gamma (
γ) is the value of the exponent in the equation below for two points on the linear portion of the transfer-function curve (this
value represents points near saturation):
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
7. ADB rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ADB.
8. SRGn rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at SRGn.
9. ABG rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ABG.


Numéro de pièce similaire - TC241-20

FabricantNo de pièceFiches techniqueDescription
logo
Productwell Precision E...
TC2410D-320M PRODUCTWELL-TC2410D-320M Datasheet
129Kb / 4P
   TOROID INDUCTORS
logo
List of Unclassifed Man...
TC2411 ETC1-TC2411 Datasheet
373Kb / 16P
   14-Bit, 1 GSPS Digital-to-Analog Converter with Standby Mode of Operation
TC2411-IB ETC1-TC2411-IB Datasheet
373Kb / 16P
   14-Bit, 1 GSPS Digital-to-Analog Converter with Standby Mode of Operation
TC2411-KIT ETC1-TC2411-KIT Datasheet
373Kb / 16P
   14-Bit, 1 GSPS Digital-to-Analog Converter with Standby Mode of Operation
logo
Productwell Precision E...
TC2411D-111M PRODUCTWELL-TC2411D-111M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Description similaire - TC241-20

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TC240 TI1-TC240 Datasheet
302Kb / 19P
[Old version datasheet]   780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC244A TI-TC244A Datasheet
311Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
TC211 TI-TC211 Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com