Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSQ-3944S Fiches technique(PDF) 2 Page - China Semiconductor Corporation

No de pièce CSQ-3944S
Description  0.39 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSQ-3944S Fiches technique(HTML) 2 Page - China Semiconductor Corporation

  CSQ-3944S Datasheet HTML 1Page - China Semiconductor Corporation CSQ-3944S Datasheet HTML 2Page - China Semiconductor Corporation CSQ-3944S Datasheet HTML 3Page - China Semiconductor Corporation CSQ-3944S Datasheet HTML 4Page - China Semiconductor Corporation CSQ-3944S Datasheet HTML 5Page - China Semiconductor Corporation CSQ-3944S Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.39 inch (10.0mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/5
Part No.
Common Anode
Description
CSQ-3944S
2. Case mold type.
Model No CSQ-3944/3943S
AlGaAs
Super Bright Red
Material
http://www.csctw.com.tw
PS-ND-08090214
A
Emitted Color
Chip
CSQ-3943S
AlGaAs
Super Bright Red
Common Cathode


Numéro de pièce similaire - CSQ-3944S

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSQ-3944A9 CHINASEMI-CSQ-3944A9 Datasheet
201Kb / 6P
   0.39 Inch Quad Digit Display
CSQ-3944B7 CHINASEMI-CSQ-3944B7 Datasheet
200Kb / 6P
   0.39 Inch Quad Digit Display
CSQ-3944E CHINASEMI-CSQ-3944E Datasheet
204Kb / 7P
   0.39 Inch Quad Digit Display
CSQ-3944G CHINASEMI-CSQ-3944G Datasheet
205Kb / 6P
   0.39 Inch Quad Digit Display
CSQ-3944M9 CHINASEMI-CSQ-3944M9 Datasheet
210Kb / 6P
   0.39 Inch Quad Digit Display
More results

Description similaire - CSQ-3944S

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSQ-3944E CHINASEMI-CSQ-3944E Datasheet
204Kb / 7P
   0.39 Inch Quad Digit Display
CSQ-3944G CHINASEMI-CSQ-3944G Datasheet
205Kb / 6P
   0.39 Inch Quad Digit Display
CSQ-3944T9 CHINASEMI-CSQ-3944T9 Datasheet
203Kb / 6P
   0.39 Inch Quad Digit Display
CSQ-3944A9 CHINASEMI-CSQ-3944A9 Datasheet
201Kb / 6P
   0.39 Inch Quad Digit Display
CSQ-3944B7 CHINASEMI-CSQ-3944B7 Datasheet
200Kb / 6P
   0.39 Inch Quad Digit Display
CSQ-3944V9 CHINASEMI-CSQ-3944V9 Datasheet
196Kb / 6P
   0.39 Inch Quad Digit Display
CSQ-3944M9 CHINASEMI-CSQ-3944M9 Datasheet
210Kb / 6P
   0.39 Inch Quad Digit Display
CSS-392B7 CHINASEMI-CSS-392B7 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
CSS-392E CHINASEMI-CSS-392E Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392G CHINASEMI-CSS-392G Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com