Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSQ-2841B7 Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSQ-2841B7
Description  0.28 Inch Quad Digit Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSQ-2841B7 Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSQ-2841B7 Datasheet HTML 1Page - China Semiconductor Corporation CSQ-2841B7 Datasheet HTML 2Page - China Semiconductor Corporation CSQ-2841B7 Datasheet HTML 3Page - China Semiconductor Corporation CSQ-2841B7 Datasheet HTML 4Page - China Semiconductor Corporation CSQ-2841B7 Datasheet HTML 5Page - China Semiconductor Corporation CSQ-2841B7 Datasheet HTML 6Page - China Semiconductor Corporation CSQ-2841B7 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
3.5
4
V
IF=20mA
Iv
5
12
-
mcd
IF=10mA
q
-
468
-
nm
IF=20mA
Od
-
470
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Luminous Intensity Matching Ratio
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth
Model No CSQ-2842/2841B7
PS-ND-08090202
A
Reverse Current
Dominant Wavelength
Peak Emission Wavelength


Numéro de pièce similaire - CSQ-2841B7

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSQ-2841 CHINASEMI-CSQ-2841 Datasheet
205Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2841A9 CHINASEMI-CSQ-2841A9 Datasheet
204Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2841G CHINASEMI-CSQ-2841G Datasheet
207Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2841M9 CHINASEMI-CSQ-2841M9 Datasheet
214Kb / 7P
   0.28 Inch Quad Digit Display
CSQ-2841S CHINASEMI-CSQ-2841S Datasheet
204Kb / 6P
   0.28 Inch Quad Digit Display
More results

Description similaire - CSQ-2841B7

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSQ-2842G CHINASEMI-CSQ-2842G Datasheet
207Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842 CHINASEMI-CSQ-2842 Datasheet
205Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842V9 CHINASEMI-CSQ-2842V9 Datasheet
198Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842S CHINASEMI-CSQ-2842S Datasheet
204Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842T9 CHINASEMI-CSQ-2842T9 Datasheet
205Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842A9 CHINASEMI-CSQ-2842A9 Datasheet
204Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842M9 CHINASEMI-CSQ-2842M9 Datasheet
214Kb / 7P
   0.28 Inch Quad Digit Display
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com