Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-88181VM9 Fiches technique(PDF) 3 Page - China Semiconductor Corporation

No de pièce CSM-88181VM9
Description  1.5 Inch 8X8 Dot-Matrix Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88181VM9 Fiches technique(HTML) 3 Page - China Semiconductor Corporation

  CSM-88181VM9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-88181VM9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-88181VM9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-88181VM9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-88181VM9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-88181VM9 Datasheet HTML 6Page - China Semiconductor Corporation CSM-88181VM9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/6
PS-ND-08090402
A
http://www.csctw.com.tw
Model No CSM-88181VM9
Parameter
Rating
Derating Linear From 25
Per Dice
0.33
Power Dissipation Per Dice
70
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Super Bright Orange
Reverse Voltage Per Dice
5
Operating Temp.
-35 ~ +85
Peak Current Per Dice(duty cycle 1/10, 1kHz)
90
Continuous Forward Current Per Dice
25


Numéro de pièce similaire - CSM-88181VM9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-88181EG CHINASEMI-CSM-88181EG Datasheet
274Kb / 7P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88181SG CHINASEMI-CSM-88181SG Datasheet
276Kb / 7P
   1.5 Inch 8X8 Dot-Matrix Display
More results

Description similaire - CSM-88181VM9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-88137G CHINASEMI-CSM-88137G Datasheet
217Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88181EG CHINASEMI-CSM-88181EG Datasheet
274Kb / 7P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131M9 CHINASEMI-CSM-88131M9 Datasheet
219Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137V9 CHINASEMI-CSM-88137V9 Datasheet
209Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131G CHINASEMI-CSM-88131G Datasheet
213Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137A9 CHINASEMI-CSM-88137A9 Datasheet
215Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137S CHINASEMI-CSM-88137S Datasheet
215Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137T9 CHINASEMI-CSM-88137T9 Datasheet
216Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131A9 CHINASEMI-CSM-88131A9 Datasheet
210Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131T9 CHINASEMI-CSM-88131T9 Datasheet
210Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com