Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-88035A9 Fiches technique(PDF) 1 Page - China Semiconductor Corporation

No de pièce CSM-88035A9
Description  0.78 Inch 8X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88035A9 Fiches technique(HTML) 1 Page - China Semiconductor Corporation

  CSM-88035A9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-88035A9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-88035A9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-88035A9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-88035A9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-88035A9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
0.78 Inch 8X8 Dot-Matrix Display
Dot Pitch 2.5mm
CSM-88035: Column Anode, Row Cathode
CSM-88045: Column Cathode, Row Anode
Emitting Color: Super Bright Amber
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-8623888
Fax:886-2-2223-9377
Fax:86-0575-8623112
http://www.csctw.com.tw
APPROVED BY
CHECKED BY
PREPARED BY
PS-ND-08090304
A
Model No CSM-88035A9/88045A9
CUSTOMER APPROVED
SIGNATURES


Numéro de pièce similaire - CSM-88035A9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-88035E CHINASEMI-CSM-88035E Datasheet
223Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035G CHINASEMI-CSM-88035G Datasheet
226Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035M9 CHINASEMI-CSM-88035M9 Datasheet
233Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035S CHINASEMI-CSM-88035S Datasheet
224Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035T9 CHINASEMI-CSM-88035T9 Datasheet
224Kb / 7P
   0.78 Inch 8X8 Dot-Matrix Display
More results

Description similaire - CSM-88035A9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035S CHINASEMI-CSM-88035S Datasheet
224Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035M9 CHINASEMI-CSM-88035M9 Datasheet
233Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035T9 CHINASEMI-CSM-88035T9 Datasheet
224Kb / 7P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035E CHINASEMI-CSM-88035E Datasheet
223Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035G CHINASEMI-CSM-88035G Datasheet
226Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88211M9 CHINASEMI-CSM-88211M9 Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com