Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN75ALS181 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN75ALS181
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS181 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN75ALS181 Datasheet HTML 2Page - Texas Instruments SN75ALS181 Datasheet HTML 3Page - Texas Instruments SN75ALS181 Datasheet HTML 4Page - Texas Instruments SN75ALS181 Datasheet HTML 5Page - Texas Instruments SN75ALS181 Datasheet HTML 6Page - Texas Instruments SN75ALS181 Datasheet HTML 7Page - Texas Instruments SN75ALS181 Datasheet HTML 8Page - Texas Instruments SN75ALS181 Datasheet HTML 9Page - Texas Instruments SN75ALS181 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN75ALS181
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS152B – DECEMBER 1992 – REVISED APRIL 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of supply voltage, common-mode input
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VT+
Positive-going threshold voltage,
differential input
VO = 2.7 V,
IO = –0.4 mA
0.2
V
VT–
Negative-going threshold voltage,
differential input
VO = 0.5 V,
IO = 8 mA
–0.2
V
Vhys
Input hysteresis (VT+ – VT–)
60
mV
VIK
Input clamp voltage, RE
II = –18 mA
–1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = –400 µA,
See Figure 6
2.7
V
VOL
Low-level output voltage
VID = –200 mV,
IOL = 8 mA,
See Figure 6
0.45
V
IOZ
High-impedance-state output
current
VO = 0.4 V to 2.4 V
±20
µA
II
Line input current
Other input at 0 V,
VI = 12 V
1
mA
II
Line input current
,
See Note 7
VI = –7 V
–0.8
mA
IIH
High-level input current, RE
VIH = 2.7 V
20
µA
IIL
Low-level input current, RE
VIL = 0.4 V
–100
µA
ri
Input resistance
12
k
IOS
Short-circuit output current
VID = 200 mV,
VO = 0 V
–15
–85
mA
ICC
Supply current (total package)
No load
Outputs enabled
21
30
mA
ICC
Supply current (total package)
No load
Outputs disabled
14
21
mA
† All typical values are at VCC = 5 V and TA = 25°C.
NOTE 7: This applies for both power on and power off. Refer to TIA/EIA-485-A for exact conditions.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 15 pF (unless otherwise noted) (see Figure 7)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
VID = –1.5 V to 1.5 V
10
16
25
ns
tPLH
Propagation delay time, low- to high-level output
VID = –1.5 V to 1.5 V
10
16
25
ns
tsk(p)
Pulse skew (|tPLH – tPHL|)
VID = –1.5 V to 1.5 V
1
8
ns
tPZH
Output enable time to high level
7
15
ns
tPZL
Output enable time to low level
9
19
ns
tPHZ
Output disable time from high level
18
27
ns
tPLZ
Output disable time from low level
10
15
ns
† All typical values are at VCC = 5 V and TA = 25°C.


Numéro de pièce similaire - SN75ALS181

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181 TI-SN75ALS181 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181N TI-SN75ALS181N Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181N TI-SN75ALS181N Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181NE4 TI-SN75ALS181NE4 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results

Description similaire - SN75ALS181

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_08 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_04 Datasheet
182Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com