Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN75ALS181 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN75ALS181
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS181 Fiches technique(HTML) 4 Page - Texas Instruments

  SN75ALS181 Datasheet HTML 1Page - Texas Instruments SN75ALS181 Datasheet HTML 2Page - Texas Instruments SN75ALS181 Datasheet HTML 3Page - Texas Instruments SN75ALS181 Datasheet HTML 4Page - Texas Instruments SN75ALS181 Datasheet HTML 5Page - Texas Instruments SN75ALS181 Datasheet HTML 6Page - Texas Instruments SN75ALS181 Datasheet HTML 7Page - Texas Instruments SN75ALS181 Datasheet HTML 8Page - Texas Instruments SN75ALS181 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN75ALS181
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS152B – DECEMBER 1992 – REVISED APRIL 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, D, DE, and RE inputs
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, driver
–9 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, receiver
–14 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver differential input voltage range (see Note 2)
–14 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 3 and 4): N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential input voltage, are with respect to network ground terminal.
2. Differential input voltage is measured at the noninverting terminal with respect to the inverting terminal.
3. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
4. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VOC
Common-mode output voltage (see Note 5)
Driver
–7
12
V
VIC
Common-mode input voltage (see Note 5)
Receiver
–12
12
V
VIH
High-level input voltage
D, DE, and RE
2
V
VIL
Low-level input voltage
D, DE, and RE
0.8
V
VID
Differential input voltage
±12
V
IOH
High level output current
Driver
–60
mA
IOH
High-level output current
Receiver
–400
µA
IOL
Low level output current
Driver
60
mA
IOL
Low-level output current
Receiver
8
mA
TA
Operating free-air temperature
0
70
°C
NOTE 5: The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this table for common-mode
output voltage level only.


Numéro de pièce similaire - SN75ALS181

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181 TI-SN75ALS181 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181N TI-SN75ALS181N Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181N TI-SN75ALS181N Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181NE4 TI-SN75ALS181NE4 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results

Description similaire - SN75ALS181

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_08 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_04 Datasheet
182Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com