Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-58121G Fiches technique(PDF) 1 Page - China Semiconductor Corporation

No de pièce CSM-58121G
Description  1.4 Inch 5X8 Dot-Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSM-58121G Fiches technique(HTML) 1 Page - China Semiconductor Corporation

  CSM-58121G Datasheet HTML 1Page - China Semiconductor Corporation CSM-58121G Datasheet HTML 2Page - China Semiconductor Corporation CSM-58121G Datasheet HTML 3Page - China Semiconductor Corporation CSM-58121G Datasheet HTML 4Page - China Semiconductor Corporation CSM-58121G Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
1.4 Inch 5X8 Dot-Matrix Display
Dot Pitch 4.7mm
CSM-58111: Column Anode, Row Cathode
CSM-58121: Column Cathode, Row Anode
Emitting Color: Yellow Green
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-8623888
Fax:886-2-2223-9377
Fax:86-0575-8623112
http://www.csctw.com.tw
APPROVED BY
CHECKED BY
PREPARED BY
PS-ND-08090301
A
Model No CSM-58111G/58121G
CUSTOMER APPROVED
SIGNATURES


Numéro de pièce similaire - CSM-58121G

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-58121A9 CHINASEMI-CSM-58121A9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58121B7 CHINASEMI-CSM-58121B7 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58121E CHINASEMI-CSM-58121E Datasheet
184Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58121M9 CHINASEMI-CSM-58121M9 Datasheet
185Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58121S CHINASEMI-CSM-58121S Datasheet
184Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results

Description similaire - CSM-58121G

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111V9 CHINASEMI-CSM-58111V9 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111A9 CHINASEMI-CSM-58111A9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111S CHINASEMI-CSM-58111S Datasheet
184Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58161SG CHINASEMI-CSM-58161SG Datasheet
439Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58161VM9 CHINASEMI-CSM-58161VM9 Datasheet
440Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111M9 CHINASEMI-CSM-58111M9 Datasheet
185Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58161EG CHINASEMI-CSM-58161EG Datasheet
438Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111B7 CHINASEMI-CSM-58111B7 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111E CHINASEMI-CSM-58111E Datasheet
184Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com