Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-57432S Fiches technique(PDF) 1 Page - China Semiconductor Corporation

No de pièce CSM-57432S
Description  4.0Inch Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57432S Fiches technique(HTML) 1 Page - China Semiconductor Corporation

  CSM-57432S Datasheet HTML 1Page - China Semiconductor Corporation CSM-57432S Datasheet HTML 2Page - China Semiconductor Corporation CSM-57432S Datasheet HTML 3Page - China Semiconductor Corporation CSM-57432S Datasheet HTML 4Page - China Semiconductor Corporation CSM-57432S Datasheet HTML 5Page - China Semiconductor Corporation CSM-57432S Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
4.0Inch Dot-Matrix Display
Dot Pitch 15.24mm
5*7 Array with X-Y Select.
CSM-57432: Column Anode, Row Cathode
CSM-57442: Column Cathode, Row Anode
Emitting Color Super-Bright Red
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-88623888
Fax:886-2-2223-9377
Fax:86-0575-88623112
PREPARED BY
PS-ND-0710
A
Model No CSM-57432S/CSM-57442S
CUSTOMER APPROVED
SIGNATURES
http://www.csctw.com.tw
APPROVED BY
CHECKED BY


Numéro de pièce similaire - CSM-57432S

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-57432A9 CHINASEMI-CSM-57432A9 Datasheet
219Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432E CHINASEMI-CSM-57432E Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432G CHINASEMI-CSM-57432G Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432M9 CHINASEMI-CSM-57432M9 Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432T9 CHINASEMI-CSM-57432T9 Datasheet
218Kb / 6P
   4.0Inch Dot-Matrix Display
More results

Description similaire - CSM-57432S

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-57432M9 CHINASEMI-CSM-57432M9 Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432A9 CHINASEMI-CSM-57432A9 Datasheet
219Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432V9 CHINASEMI-CSM-57432V9 Datasheet
214Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57462EG CHINASEMI-CSM-57462EG Datasheet
271Kb / 8P
   4.0Inch Dot-Matrix Display
CSM-57462VM9 CHINASEMI-CSM-57462VM9 Datasheet
265Kb / 8P
   4.0Inch Dot-Matrix Display
CSM-57432T9 CHINASEMI-CSM-57432T9 Datasheet
218Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432G CHINASEMI-CSM-57432G Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432E CHINASEMI-CSM-57432E Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57462SG CHINASEMI-CSM-57462SG Datasheet
271Kb / 8P
   4.0Inch Dot-Matrix Display
logo
LIGITEK electronics co....
LMD5741-2DHY-X5-PF LIGITEK-LMD5741-2DHY-X5-PF Datasheet
159Kb / 9P
   DOT MATRIX LED DISPLAY(4.0Inch)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com