Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-57312A9 Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSM-57312A9
Description  3.0Inch Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57312A9 Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSM-57312A9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-57312A9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-57312A9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-57312A9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-57312A9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-57312A9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.0
2.8
V
IF=20mA
Iv
-
70
-
mcd
IF=10mA
q
-
612
-
nm
IF=20mA
Od
-
606
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=10V
IV-m
-
-
2:1
.
Ip=80mA
1/16Duty
Page
3/5
90
0.33
Luminous Intensity Per Segment
Peak Emission Wavelength
Spectrum Radiation Bandwidth
Reverse Current
PS-ND-0710
A
Model No CSM-57312A9/CSM-57322A9
http://www.csctw.com.tw
Derating Linear From 25
Per Dice
Parameter
Reverse Voltage Per Dice
Power Dissipation Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
Rating
70
Continuous Forward Current Per Dice
25
5
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
Luminous Intensity Matching Ratio
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Parameter
Forward Voltage Per Segment
Dominant Wavelength


Numéro de pièce similaire - CSM-57312A9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-57312E CHINASEMI-CSM-57312E Datasheet
220Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312G CHINASEMI-CSM-57312G Datasheet
219Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312M9 CHINASEMI-CSM-57312M9 Datasheet
220Kb / 7P
   3.0Inch Dot-Matrix Display
CSM-57312S CHINASEMI-CSM-57312S Datasheet
218Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312T9 CHINASEMI-CSM-57312T9 Datasheet
221Kb / 6P
   3.0Inch Dot-Matrix Display
More results

Description similaire - CSM-57312A9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-57312M9 CHINASEMI-CSM-57312M9 Datasheet
220Kb / 7P
   3.0Inch Dot-Matrix Display
CSM-57312T9 CHINASEMI-CSM-57312T9 Datasheet
221Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312V9 CHINASEMI-CSM-57312V9 Datasheet
215Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312S CHINASEMI-CSM-57312S Datasheet
218Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57362EG CHINASEMI-CSM-57362EG Datasheet
261Kb / 8P
   3.0Inch Dot-Matrix Display
CSM-57362SG CHINASEMI-CSM-57362SG Datasheet
255Kb / 8P
   3.0Inch Dot-Matrix Display
CSM-57362VM9 CHINASEMI-CSM-57362VM9 Datasheet
248Kb / 8P
   3.0Inch Dot-Matrix Display
CSM-57312E CHINASEMI-CSM-57312E Datasheet
220Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312G CHINASEMI-CSM-57312G Datasheet
219Kb / 6P
   3.0Inch Dot-Matrix Display
logo
Marktech Corporate
MTAN1135-ASR MARKTECH-MTAN1135-ASR Datasheet
49Kb / 1P
   DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com