Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-57221A9 Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSM-57221A9
Description  2.0Inch Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57221A9 Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSM-57221A9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-57221A9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-57221A9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-57221A9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-57221A9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-57221A9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.0
2.8
V
IF=20mA
Iv
-
60
-
mcd
IF=10mA
q
-
612
-
nm
IF=20mA
Od
-
606
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
Ip=80mA
1/16Duty
Page
3/5
Rating
A
Model No CSM-57211A9/CSM-57221A9
Parameter
http://www.csctw.com.tw
Reverse Voltage Per Dice
Power Dissipation Per Dice
Operating Temp.
Continuous Forward Current Per Dice
PS-ND-0710
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Derating Linear From 25
Per Dice
0.33
5
Peak Emission Wavelength
Luminous Intensity Matching Ratio
-35 ~ +85
Storage Temp.
-35 ~ +85
70
25
Peak Current Per Dice(duty cycle 1/10, 1kHz)
90
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Dominant Wavelength
Spectrum Radiation Bandwidth
Reverse Current


Numéro de pièce similaire - CSM-57221A9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-57221E CHINASEMI-CSM-57221E Datasheet
224Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57221G CHINASEMI-CSM-57221G Datasheet
223Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57221M9 CHINASEMI-CSM-57221M9 Datasheet
226Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57221S CHINASEMI-CSM-57221S Datasheet
224Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57221T9 CHINASEMI-CSM-57221T9 Datasheet
225Kb / 6P
   2.0Inch Dot-Matrix Display
More results

Description similaire - CSM-57221A9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-57211M9 CHINASEMI-CSM-57211M9 Datasheet
226Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57211T9 CHINASEMI-CSM-57211T9 Datasheet
225Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57271VM9 CHINASEMI-CSM-57271VM9 Datasheet
293Kb / 8P
   2.0Inch Dot-Matrix Display
CSM-57211E CHINASEMI-CSM-57211E Datasheet
224Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57261SG CHINASEMI-CSM-57261SG Datasheet
276Kb / 8P
   2.0Inch Dot-Matrix Display
CSM-57271SG CHINASEMI-CSM-57271SG Datasheet
297Kb / 8P
   2.0Inch Dot-Matrix Display
CSM-57261VM9 CHINASEMI-CSM-57261VM9 Datasheet
272Kb / 8P
   2.0Inch Dot-Matrix Display
CSM-57211G CHINASEMI-CSM-57211G Datasheet
223Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57211S CHINASEMI-CSM-57211S Datasheet
224Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57211V9 CHINASEMI-CSM-57211V9 Datasheet
219Kb / 6P
   2.0Inch Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com