Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-57171EG Fiches technique(PDF) 2 Page - China Semiconductor Corporation

No de pièce CSM-57171EG
Description  1.2 Inch 5X7 Dot-Matrix Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57171EG Fiches technique(HTML) 2 Page - China Semiconductor Corporation

  CSM-57171EG Datasheet HTML 1Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 2Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 3Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 4Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 5Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 6Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 1.2 inch (30.3mm) Matrix height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Column
Row
Package Dimensions -
Page
1/6
Description
CSM-57181EG
GaP
Yellow Green
GaAsP
Orange
http://www.csctw.com.tw
GaP
Yellow Green
Anode
Cathode
Cathode
Anode
PS-ND-08090601
Part No.
GaAsP
Orange
Material
A
Chip
Emitted Color
2. Case mold type.
CSM-57171EG
Model No CSM-57171/57181EG


Numéro de pièce similaire - CSM-57171EG

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results

Description similaire - CSM-57171EG

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
logo
Kingbright Corporation
TBC12-11EGWA KINGBRIGHT-TBC12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBC12-12EGWA KINGBRIGHT-TBC12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TA12-11EWA KINGBRIGHT-TA12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-12EGWA KINGBRIGHT-TBA12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-11EGWA KINGBRIGHT-TBA12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-22EGWA KINGBRIGHT-TBA12-22EGWA Datasheet
176Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11GWA KINGBRIGHT-TC12-11GWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com