Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-57041G Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSM-57041G
Description  0.7 Inch Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57041G Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSM-57041G Datasheet HTML 1Page - China Semiconductor Corporation CSM-57041G Datasheet HTML 2Page - China Semiconductor Corporation CSM-57041G Datasheet HTML 3Page - China Semiconductor Corporation CSM-57041G Datasheet HTML 4Page - China Semiconductor Corporation CSM-57041G Datasheet HTML 5Page - China Semiconductor Corporation CSM-57041G Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
3900
-
ucd
IF=10mA
q
-
568
-
nm
IF=20mA
Od
-
572
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
Ip=80mA 1/16Duty
Page
3/5
Model No CSM-57031G/CSM-57041G
PS-ND-0710
A
Derating Linear From 25
Per Dice
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Dominant Wavelength
http://www.csctw.com.tw
Peak Emission Wavelength
Reverse Voltage Per Dice
5
Parameter
Rating
Power Dissipation Per Dice
70
Continuous Forward Current Per Dice
25
Peak Current Per Dice(duty cycle 1/10, 1kHz)
90
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Luminous Intensity Matching Ratio
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
Spectrum Radiation Bandwidth
Reverse Current
0.33


Numéro de pièce similaire - CSM-57041G

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-57041A9 CHINASEMI-CSM-57041A9 Datasheet
218Kb / 7P
   0.7Inch Dot-Matrix Display
CSM-57041E CHINASEMI-CSM-57041E Datasheet
216Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57041M9 CHINASEMI-CSM-57041M9 Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57041S CHINASEMI-CSM-57041S Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57041T9 CHINASEMI-CSM-57041T9 Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
More results

Description similaire - CSM-57041G

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTP-757HR LITEON-LTP-757HR Datasheet
991Kb / 8P
   0.7 inch 5x7 SINGLE COLOR DOT MATRIX DISPLAY
logo
Kingbright Corporation
TC07-11SRWA KINGBRIGHT-TC07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11SRWA KINGBRIGHT-TA07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
logo
Unity Opto Technology
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
logo
Kingbright Corporation
TA07-11EWA KINGBRIGHT-TA07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11PBWA KINGBRIGHT-TC07-11PBWA Datasheet
86Kb / 3P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11YWA KINGBRIGHT-TA07-11YWA Datasheet
229Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11GWA KINGBRIGHT-TA07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11EWA KINGBRIGHT-TC07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11GWA KINGBRIGHT-TC07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com