Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-16161T9 Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSM-16161T9
Description  1.5 Inch 16X16 Dot-Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSM-16161T9 Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSM-16161T9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-16161T9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-16161T9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-16161T9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-16161T9 Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
15
-
mcd
IF=10mA
q
-
592
-
nm
IF=20mA
Od
-
590
-
nm
IF=20mA
-
20
-
nm
IF=20mA
IR
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/4
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
5
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
75
25
90
Parameter
Power Dissipation Per Dice
Continuous Forward Current Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
Reverse Current
PS-ND-08090307
A
Model No CSM-16151/16161T9
http://www.csctw.com.tw
Luminous Intensity Matching Ratio
Derating Linear From 25
Per Dice
0.33
Reverse Voltage Per Dice
Rating


Numéro de pièce similaire - CSM-16161T9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-16161A9 CHINASEMI-CSM-16161A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16161E CHINASEMI-CSM-16161E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16161G CHINASEMI-CSM-16161G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16161M9 CHINASEMI-CSM-16161M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16161S CHINASEMI-CSM-16161S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
More results

Description similaire - CSM-16161T9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSM-16151G CHINASEMI-CSM-16151G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151E CHINASEMI-CSM-16151E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151S CHINASEMI-CSM-16151S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151V9 CHINASEMI-CSM-16151V9 Datasheet
255Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
logo
LightKey Optoelectronic...
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137A9 CHINASEMI-CSM-88137A9 Datasheet
215Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com